Electronic Components Datasheet Search
  English  ▼

X  

7480 Datasheet(PDF) 217 Page - Renesas Technology Corp

Part # 7480
Description  8-BIT SINGLE-CHIP MICROCOMPUTER 740 FAMILY / 7470 SERIES
PDF  337 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7480 Datasheet(HTML) 217 Page - Renesas Technology Corp

Back Button 7480 Datasheet HTML 213Page - Renesas Technology Corp 7480 Datasheet HTML 214Page - Renesas Technology Corp 7480 Datasheet HTML 215Page - Renesas Technology Corp 7480 Datasheet HTML 216Page - Renesas Technology Corp 7480 Datasheet HTML 217Page - Renesas Technology Corp 7480 Datasheet HTML 218Page - Renesas Technology Corp 7480 Datasheet HTML 219Page - Renesas Technology Corp 7480 Datasheet HTML 220Page - Renesas Technology Corp 7480 Datasheet HTML 221Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 217 / 337 page
background image
7480 Group and 7481 Group User's Manual
2-2
APPLICATIONS
2.1 Input/Output Pins
(1)
External Circuit Example for Output Ports
POINT: The following currents and voltages must be within specifications in the recommended operating
conditions when external circuits for I/O ports are designed.
For Input Ports
Input voltage
Input current
For Output Ports
Output sum currents
Output peak current
Output average current
For the recommended operating conditions, refer to Section 1.21 Electrical Characteristics.
Note:
When a key matrix is used for multi-key inputs, take account of the total current which results
from multiple inputs and is input to one port.
Figure 2.1.1 shows an external circuitry for output ports.
Figure 2.1.1 External Circuit for Output Ports
2.1 Input/Output Pins
• LOW output sum current
• LOW output peak current
• LOW output average current (in a period of 100 ms) (Note 2)
IOL0 + IOL1 + IOL2 = 36 mA < 60 mA
IOL0 = IOL1 = IOL2 = 12 mA < 20 mA
= 6 mA < 10 mA
12 mA
× 10 ms × 5
100 ms
VCC=5 V
7480 Group
7481 Group
P02
IOL2=12 mA
R2=250
Ω
P01
IOL1=12 mA
R1=250
Ω
P00
IOL0=12 mA
R0=250
Ω
(Note 1)
Shaded areas: Maximum ratings
10 ms
10 ms
Turned on for 10 ms, five times in a 100-ms period.
Notes 1: LED (VF = 2 V) used.
2: Turn-on timing of LEDs connected to port pins P00, P01 and P02 (50% duty cycle).
(Note 1)
(Note 1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com