Electronic Components Datasheet Search
  English  ▼

X  

7480 Datasheet(PDF) 213 Page - Renesas Technology Corp

Part # 7480
Description  8-BIT SINGLE-CHIP MICROCOMPUTER 740 FAMILY / 7470 SERIES
PDF  337 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7480 Datasheet(HTML) 213 Page - Renesas Technology Corp

Back Button 7480 Datasheet HTML 209Page - Renesas Technology Corp 7480 Datasheet HTML 210Page - Renesas Technology Corp 7480 Datasheet HTML 211Page - Renesas Technology Corp 7480 Datasheet HTML 212Page - Renesas Technology Corp 7480 Datasheet HTML 213Page - Renesas Technology Corp 7480 Datasheet HTML 214Page - Renesas Technology Corp 7480 Datasheet HTML 215Page - Renesas Technology Corp 7480 Datasheet HTML 216Page - Renesas Technology Corp 7480 Datasheet HTML 217Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 213 / 337 page
background image
7480 Group and 7481 Group User's Manual
1-196
HARDWARE
1.21 Electrical Characteristics
1.21.5 Typical Characteristics of A-D Conversion
Figures 1.21.13 and 1.21.14 show typical characteristics of A-D conversion of the 7480 Group and 7481
Group in different measurement conditions.
The bottom line in each graph shows an absolute accuracy error (ERROR), indicating offset from the ideal
value at the point where an output code changes.
For example, a ‘3F16
→4016’ change in an output code ideally takes place at the point where IN0 = 1270mV,
in Figure 1.21.13.
However, 1270–1 = 1269 mV is obtained as the measured changing point, because the absolute accuracy
error is –1 mV.
The top line in each graph represents the width of input voltages that have the same output code in 1-LSB
WIDTH.
For example, ‘21–20 = 1 mV (0.05 LSB)’ is obtained as the differential non-linear error because the
measurement value of the width of input voltages whose output codes are ‘3F16’, is 21 mV.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com