Electronic Components Datasheet Search
  English  ▼

X  

7480 Datasheet(PDF) 209 Page - Renesas Technology Corp

Part # 7480
Description  8-BIT SINGLE-CHIP MICROCOMPUTER 740 FAMILY / 7470 SERIES
PDF  337 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7480 Datasheet(HTML) 209 Page - Renesas Technology Corp

Back Button 7480 Datasheet HTML 205Page - Renesas Technology Corp 7480 Datasheet HTML 206Page - Renesas Technology Corp 7480 Datasheet HTML 207Page - Renesas Technology Corp 7480 Datasheet HTML 208Page - Renesas Technology Corp 7480 Datasheet HTML 209Page - Renesas Technology Corp 7480 Datasheet HTML 210Page - Renesas Technology Corp 7480 Datasheet HTML 211Page - Renesas Technology Corp 7480 Datasheet HTML 212Page - Renesas Technology Corp 7480 Datasheet HTML 213Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 209 / 337 page
background image
07.
7480 Group and 7481 Group User's Manual
1-192
HARDWARE
1.21 Electrical Characteristics
Figure 1.21.5 VCC–ICC Characteristics (in Wait Mode)
Figure 1.21.6 VCC–ICC Characteristic (in Stop Mode)
Conditions: 25°C, f(XIN) = 8 MHz (with a ceramic resonator)
in wait mode
2.0
3.0
4.0
5.0
6.0
7.0
0.0
0.1
0.2
0.3
High-speed mode
Medium-speed mode
Power source voltage VCC [V]
2.0
3.
0
5.0
6.
0
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
Conditions: 25°C, f(XIN) = 0 MHz
in stop mode
Power source voltage VCC [V]
04.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com