Electronic Components Datasheet Search
  English  ▼

X  

7480 Datasheet(PDF) 205 Page - Renesas Technology Corp

Part # 7480
Description  8-BIT SINGLE-CHIP MICROCOMPUTER 740 FAMILY / 7470 SERIES
PDF  337 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7480 Datasheet(HTML) 205 Page - Renesas Technology Corp

Back Button 7480 Datasheet HTML 201Page - Renesas Technology Corp 7480 Datasheet HTML 202Page - Renesas Technology Corp 7480 Datasheet HTML 203Page - Renesas Technology Corp 7480 Datasheet HTML 204Page - Renesas Technology Corp 7480 Datasheet HTML 205Page - Renesas Technology Corp 7480 Datasheet HTML 206Page - Renesas Technology Corp 7480 Datasheet HTML 207Page - Renesas Technology Corp 7480 Datasheet HTML 208Page - Renesas Technology Corp 7480 Datasheet HTML 209Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 205 / 337 page
background image
7480 Group and 7481 Group User's Manual
1-188
HARDWARE
1.21 Electrical Characteristics
Table 1.21.11 Electrical Characteristics of 7481 Group (2) (Note)
Test conditions
High-speed mode
f(XIN) = 4 MHz
VCC = 5 V
High-speed mode
f(XIN) = 4 MHz
VCC = 3 V
High-speed mode
f(XIN) = 8 MHz
VCC = 5 V
Medium-speed mode
f(XIN) = 4 MHz
VCC = 5 V
Medium-speed mode
f(XIN) = 4 MHz
VCC = 3 V
Medium-speed mode
f(XIN) = 8 MHz
VCC = 5 V
High-speed mode
f(XIN) = 4 MHz
High-speed mode
f(XIN) = 8 MHz
Medium-speed mode
f(XIN) = 4 MHz
Medium-speed mode
f(XIN) = 8 MHz
f(XIN) = 0 MHz
VCC = 5 V
At clock stop
Max.
7
8
3.6
4
14
15
3.5
4
1.8
2
7
7.5
2
1
4
1.8
0.9
3.6
1
10
Typ.
3.5
4
1.8
2
7
7.5
1.75
2
0.9
1
3.5
3.75
1
0.5
2
0.9
0.45
1.8
0.1
1
Min.
2.0
Limits
Note: VCC = 2.7 V to 5.5 V, VSS = 0 V, and Ta = –20
°C to 85°C (Ta = –40 °C to 85°C for extended
operating temperature range version), unless otherwise noted.
No A-D
conversion
During A-D
conversion
No A-D
conversion
During A-D
conversion
No A-D
conversion
During A-D
conversion
No A-D
conversion
During A-D
conversion
No A-D
conversion
During A-D
conversion
No A-D
conversion
During A-D
conversion
VCC = 5 V
VCC = 3 V
VCC = 5 V
VCC = 5 V
VCC = 3 V
VCC = 5 V
Ta = 25
°C
Ta = 85
°C
Unit
mA
mA
mA
mA
mA
mA
mA
mA
mA
mA
mA
mA
mA
mA
mA
mA
mA
mA
µA
µA
V
Parameter
Power source current
RAM back-up voltage
Symbol
ICC
VRAM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com