Electronic Components Datasheet Search
  English  ▼

X  

7480 Datasheet(PDF) 203 Page - Renesas Technology Corp

Part # 7480
Description  8-BIT SINGLE-CHIP MICROCOMPUTER 740 FAMILY / 7470 SERIES
PDF  337 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7480 Datasheet(HTML) 203 Page - Renesas Technology Corp

Back Button 7480 Datasheet HTML 199Page - Renesas Technology Corp 7480 Datasheet HTML 200Page - Renesas Technology Corp 7480 Datasheet HTML 201Page - Renesas Technology Corp 7480 Datasheet HTML 202Page - Renesas Technology Corp 7480 Datasheet HTML 203Page - Renesas Technology Corp 7480 Datasheet HTML 204Page - Renesas Technology Corp 7480 Datasheet HTML 205Page - Renesas Technology Corp 7480 Datasheet HTML 206Page - Renesas Technology Corp 7480 Datasheet HTML 207Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 203 / 337 page
background image
7480 Group and 7481 Group User's Manual
1-186
HARDWARE
1.21 Electrical Characteristics
Table 1.21.9 Recommended Operating Conditions of 7481 Group (2) (Note 1)
Unit
mA
mA
mA
mA
mA
mA
mA
mA
MHz
MHz
kHz
kHz
MHz
MHz
MHz
MHz
Limits
Symbol
IOH(sum)
IOH(sum)
IOL(sum)
IOL(sum)
IOH(peak)
IOL(peak)
IOH(avg)
IOL(avg)
f(CNTR)
f(SCLK)
f(XIN)
Min.
Max.
–30
–30
60
60
–10
20
–5
10
2
1
500
250
2
1
8
2.2VCC–2.0
Typ.
when selecting clock
synchronous serial I/O
when selecting
UART
VCC = 4.5V to 5.5V
VCC = 2.7V to 4.5V
f(XIN) = 8 MHz
f(XIN) = 4 MHz
f(XIN) = 8 MHz
f(XIN) = 4 MHz
f(XIN) = 8 MHz
f(XIN) = 4 MHz
Notes 1: VCC = 2.7 V to 5.5 V, VSS = 0 V, and Ta = –20
°C to 85 °C (Ta = –40 ° C to 85 °C for extended
operating temperature range version), unless otherwise noted.
For the clamping diodes of port P4, refer to (4) Level Shift Ports in Section 1.10.3 I/O Ports.
2: Output average currents IOH(avg) and IOL(avg) are average values for a period of 100 ms.
3: The frequency is the value at a 50% duty cycle.
4: Connect a bypass capacitor of capacity 0.1
µF between VCC and VSS, and one of capacity 0.01µF
between VREF and VSS.
Parameter
HIGH output sum current P00–P07
HIGH output sum current P10–P17
LOW output sum current P00–P07, P40–P43, P50–P52
LOW output sum current P10–P17, P53
HIGH output peak current P00–P07, P10–P17
LOW output peak current P00–P07, P10–P17, P40–P43, P50–P53
HIGH output average current P00–P07, P10–P17 (Note 2)
LOW output average current
P00–P07, P10–P17, P40–P43, P50–P53 (Note 2)
Timer input frequency CNTR0 (P40)
CNTR1 (P41) (Note 3)
Serial I/O
clock input frequency
SCLK (P16)
(Note 3)
Clock input oscillation
frequency (Note 3)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com