Electronic Components Datasheet Search
  English  ▼

X  

7480 Datasheet(PDF) 199 Page - Renesas Technology Corp

Part # 7480
Description  8-BIT SINGLE-CHIP MICROCOMPUTER 740 FAMILY / 7470 SERIES
PDF  337 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7480 Datasheet(HTML) 199 Page - Renesas Technology Corp

Back Button 7480 Datasheet HTML 195Page - Renesas Technology Corp 7480 Datasheet HTML 196Page - Renesas Technology Corp 7480 Datasheet HTML 197Page - Renesas Technology Corp 7480 Datasheet HTML 198Page - Renesas Technology Corp 7480 Datasheet HTML 199Page - Renesas Technology Corp 7480 Datasheet HTML 200Page - Renesas Technology Corp 7480 Datasheet HTML 201Page - Renesas Technology Corp 7480 Datasheet HTML 202Page - Renesas Technology Corp 7480 Datasheet HTML 203Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 199 / 337 page
background image
7480 Group and 7481 Group User's Manual
1-182
HARDWARE
Table 1.21.4 Electrical Characteristics of 7480 Group (1) (Note 1)
1.21 Electrical Characteristics
Test conditions
VCC = 5 V, IOH = –5 mA
VCC = 3 V, IOH = –1.5 mA
VCC = 5 V, IOL = 10 mA
VCC = 3 V, IOL = 3 mA
VCC = 5 V
VCC = 3 V
VCC = 5 V
VCC = 3 V
when used as
RxD, SCLK
VI = VCC,
No pull-up transistor
VI = VCC = 5 V
VI = VCC = 3 V
VI = VCC, when not
selecting analog input
VI = VCC, when XIN
is stopped
VI = 0 V,
No pull-up transistor
VI = 0 V (Note 3),
Pull-up transistor used
VI = 0 V
VI = 0 V, when not
selecting analog input
VI = 0 V, when XIN
is stopped
Max.
2
1
5
3
5
3
5
3
5
3
–5
–3
–1.0
–0.35
–5
–3
–5
–3
–5
–3
Min.
3
2
–0.25
–0.08
Limits
Typ.
0.5
0.3
0.5
0.3
0.5
0.3
–0.5
–0.18
VCC = 5 V
VCC = 3 V
VCC = 5 V
VCC = 3 V
VCC = 5 V
VCC = 3 V
VCC = 5 V
VCC = 3 V
VCC = 5 V
VCC = 3 V
VCC = 5 V
VCC = 3 V
VCC = 5 V
VCC = 3 V
VCC = 5 V
VCC = 3 V
VCC = 5 V
VCC = 3 V
Unit
V
V
V
V
V
V
V
V
V
V
µA
µA
µA
µA
µA
µA
µA
µA
µA
µA
mA
mA
µA
µA
µA
µA
µA
µA
Parameter
HIGH output voltage
P00–P07, P10–P17
LOW output voltage
P00–P07, P10–P17, P40, P41
Hysteresis P00–P07 (Note 2),
P30–P33, P40, P41
Hysteresis RESET
Hysteresis
P14/RxD, P16/SCLK
HIGH input current
P00–P07, P10–P17
HIGH input current
P30–P33, P40, P41
HIGH input current
P20–P23
HIGH input current
XIN, RESET
LOW input current
P00–P07, P10–P17
LOW input current
P30–P33, P40, P41
LOW input current
P20–P23
LOW input current
XIN, RESET
Symbol
VOH
VOL
VT+–VT–
VT+–VT–
VT+–VT–
IIH
IIH
IIH
IIH
IIL
IIL
IIL
IIL
Notes 1: VCC = 2.7 V to 5.5 V, VSS = 0 V, and Ta = –20
°C to 85°C (Ta = –40 °C to 85°C for extended
operating temperature range version), unless otherwise noted.
2: The limits when the key-on wakeup function of port P0 is used
3: When represented with electric resistance, the corresponding values are as follows:
• VCC = 5 V:
5 k
Ω (Min.),
10 k
Ω (Typ.), and 20 kΩ (Max.)
• VCC = 3 V: 8.6 k
Ω (Min.), 16.7 kΩ (Typ.), and 37.5 kΩ (Max.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com