Electronic Components Datasheet Search
  English  ▼

X  

7480 Datasheet(PDF) 197 Page - Renesas Technology Corp

Part # 7480
Description  8-BIT SINGLE-CHIP MICROCOMPUTER 740 FAMILY / 7470 SERIES
PDF  337 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7480 Datasheet(HTML) 197 Page - Renesas Technology Corp

Back Button 7480 Datasheet HTML 193Page - Renesas Technology Corp 7480 Datasheet HTML 194Page - Renesas Technology Corp 7480 Datasheet HTML 195Page - Renesas Technology Corp 7480 Datasheet HTML 196Page - Renesas Technology Corp 7480 Datasheet HTML 197Page - Renesas Technology Corp 7480 Datasheet HTML 198Page - Renesas Technology Corp 7480 Datasheet HTML 199Page - Renesas Technology Corp 7480 Datasheet HTML 200Page - Renesas Technology Corp 7480 Datasheet HTML 201Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 197 / 337 page
background image
7480 Group and 7481 Group User's Manual
1-180
HARDWARE
1.21 Electrical Characteristics
1.21.1 Electrical Characteristics
(1) Electrical Characteristics of 7480 Group
For the 7480 Group, Table 1.21.1 lists the absolute maximum ratings, and Tables 1.21.2 and 1.21.3
list the recommended operating conditions. Also, Tables 1.21.4 and 1.21.5 list the electrical characteristics,
and Table 1.21.6 lists the A-D conversion characteristics.
Table 1.21.1 Absolute Maximum Ratings of 7480 Group
1.21 Electrical Characteristics
Symbol
VCC
VI
VO
Pd
Topr
Tstg
Parameter
Power source voltage
Input voltage
Output voltage
Power dissipation
Operating temperature range
Storage temperature range
Unit
V
V
V
mW
°C
°C
Ratings
–0.3 to 7
–0.3 to VCC+0.3
–0.3 to VCC+0.3
1000 (Note 1)
–20 to 85 (Note 2)
–40 to 150 (Note 3)
Conditions
All voltages are measured based on
VSS.
Output transistors are in the cut-off state.
Ta = 25
°C
Notes 1: 500 mW for 32P2W-A package.
2: –40
°C to 85 °C for extended operating temperature range version.
3: –65
°C to 150 °C for extended operating temperature range version.
Table 1.21.2 Recommended Operating Conditions of 7480 Group (1) (Note 1)
Symbol
VCC
VSS
VIH
VIH
VIH
VIH
VIL
VIL
VIL
VIL
VIL
II
Parameter
Power source voltage
Power source voltage
HIGH input voltage P00–P07, P10–P17
HIGH input voltage P20–P23
HIGH input voltage
P30–P33, P40, P41 (Note 2)
HIGH input voltage XIN, RESET
LOW input voltage P00–P07, P10–P17
LOW input voltage P20–P23
LOW input voltage
P30–P33, P40, P41
LOW input voltage XIN
LOW input voltage RESET
Input current P40, P41 (Note 2) VI > VCC
f(XIN) = 8 MHZ
f(XIN) = (2.2VCC–2.0) MHz
VCC = 4.5 V to 5.5V
VCC = 2.7 V to 4.5V
VCC = 4.5 V to 5.5V
VCC = 2.7 V to 4.5V
Min.
4.5
2.7
0.8VCC
0.7VCC
0.8VCC
0.9VCC
0.8VCC
0
0
0
0
0
0
Typ.
5
3
0
Max.
5.5
4.5
VCC
VCC
VCC
VCC
VCC
0.2VCC
0.25VCC
0.4VCC
0.3VCC
0.16VCC
0.12VCC
1
Unit
V
V
V
V
V
V
V
V
V
V
V
V
V
V
mA
Limits
Notes 1: VCC = 2.7 V to 5.5 V, VSS = 0 V, and Ta = –20
°C to 85 °C (Ta = –40 ° C to 85 °C for extended
operating temperature range version), unless otherwise noted.
For the clamping diodes of port P4, refer to (4) Level Shift Ports in Section 1.10.3 I/O Ports.
2: When voltage is applied through a resistor, current I of 1 mA or less maintains VI > VCC.
For this circuit, refer to Figure 1.10.11 Port P4 and P5 Circuit.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com