Electronic Components Datasheet Search
  English  ▼

X  

7480 Datasheet(PDF) 195 Page - Renesas Technology Corp

Part # 7480
Description  8-BIT SINGLE-CHIP MICROCOMPUTER 740 FAMILY / 7470 SERIES
PDF  337 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7480 Datasheet(HTML) 195 Page - Renesas Technology Corp

Back Button 7480 Datasheet HTML 191Page - Renesas Technology Corp 7480 Datasheet HTML 192Page - Renesas Technology Corp 7480 Datasheet HTML 193Page - Renesas Technology Corp 7480 Datasheet HTML 194Page - Renesas Technology Corp 7480 Datasheet HTML 195Page - Renesas Technology Corp 7480 Datasheet HTML 196Page - Renesas Technology Corp 7480 Datasheet HTML 197Page - Renesas Technology Corp 7480 Datasheet HTML 198Page - Renesas Technology Corp 7480 Datasheet HTML 199Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 195 / 337 page
background image
7480 Group and 7481 Group User's Manual
1-178
1.20 Built-in PROM Version
HARDWARE
1.20.4 Notes on Usage
Pay attention to the following notes when the built-in PROM version is used.
(1)
All Products of Built-in PROM Version Products
Programming into Built-in PROM
• A high voltage is used to program into the PROM. Be careful not to apply an overvoltage to pins,
especially when power is turned on.
• The use of a dedicated programming adapter (Note) is recommended when the PROM programming
is performed, so that general-purpose PROM programmers are available for programming.
Reading from Built-in PROM
The use of a dedicated programming adapter (Note) is recommended when the PROM contents are
read, so that general-purpose PROM programmers are available for reading.
Note: Refer to Data Book DEVELOPMENT SUPPORT TOOLS FOR MICROCOMPUTERS for the
dedicated programming adapter.
(2)
One Time PROM Version
The one time PROM version (a blank product) is neither tested nor screened since Mitsubishi’s
assembly process. To improve reliability after programming, it is suggested that these products are
used only after programming and verification, according to the procedure shown in Figure 1.20.4, is
completed.
Figure 1.20.4 Programming and Verification of One Time PROM Version
Function check in target device
(Note 1)
(Note 2)
Screening
(at 150°C for 40 hours)
Programming with PROM Programmer
Verifying with PROM
Programmer
Notes 1: Exposure to a high temperature of be within 100 hours.
The M37480E8SP/FP, M37481E8SP/FP and M37481E8SS
are not available for automotive controls because they are not
extended operating temperature versions, which are used in
automotive controls. The M37481E8SS is for the program-evaluation
only. It cannot be as the final product as well as in automotive
controls.
2: Implementation evaluation will reject those damaged by
surge during handling.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com