Electronic Components Datasheet Search
  English  ▼

X  

7480 Datasheet(PDF) 192 Page - Renesas Technology Corp

Part # 7480
Description  8-BIT SINGLE-CHIP MICROCOMPUTER 740 FAMILY / 7470 SERIES
PDF  337 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7480 Datasheet(HTML) 192 Page - Renesas Technology Corp

Back Button 7480 Datasheet HTML 188Page - Renesas Technology Corp 7480 Datasheet HTML 189Page - Renesas Technology Corp 7480 Datasheet HTML 190Page - Renesas Technology Corp 7480 Datasheet HTML 191Page - Renesas Technology Corp 7480 Datasheet HTML 192Page - Renesas Technology Corp 7480 Datasheet HTML 193Page - Renesas Technology Corp 7480 Datasheet HTML 194Page - Renesas Technology Corp 7480 Datasheet HTML 195Page - Renesas Technology Corp 7480 Datasheet HTML 196Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 192 / 337 page
background image
7480 Group and 7481 Group User's Manual
1-175
HARDWARE
1.20 Built-in PROM Version
1.20.2 Pin Descriptions
Tables 1.20.3 and 1.20.4 list pin descriptions in the Ordinary and EPROM modes.
Table 1.20.3 Pin Descriptions (1)
Pin
VCC,
VSS
AVSS
VREF
RESET
XIN
XOUT
Name
Power source
Analog
power source
Reference
voltage input
Mode input
Reset input
Reset input
Clock input
Clock output
Mode
Ordinary/
EPROM
Ordinary/
EPROM
Ordinary
EPROM
Ordinary
EPROM
Ordinary/
EPROM
Ordinary/
EPROM
Input/
Output
Input
Input
Input
Input
Input
Output
Function
• Apply the following voltage to the VCC pin:
2.7 V to 4.5 V (at f(XIN) = (2.2 VCC–2) MHz), or
4.5 V to 5.5 V (at f(XIN) = 8 MHz).
• Apply 0 V to the VSS pin.
• Ground level input pin for the A-D converter
• Apply the same voltage as for the VSS pin to the AVSS
pin.
Note: This pin is dedicated to the 44P6N-A package products
in the 7481 Group.
• Reference voltage input pin for A-D converter
• Apply the following voltage to the VREF pin:
2 V to VCC when VCC = 2.7 V to 4.0 V, or
0.5 VCC to VCC when VCC = 4.0 V to 5.5 V.
Note: When not using A-D converter, connect VREF pin to
VCC.
• CE input pin
• Reset input pin
• System Reset: Holding the LOW level for 2
µs or more
forces CPU into reset state.
• Connect it to VSS pin.
• I/O pins for clock generator
• A ceramic resonator is connected between pins XIN and
XOUT.
• When an external clock is used, it is input to XIN pin, and
leave XOUT pin open.
• A feedback resistor is built in between pins XIN and XOUT.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com