Electronic Components Datasheet Search
  English  ▼

X  

7480 Datasheet(PDF) 188 Page - Renesas Technology Corp

Part # 7480
Description  8-BIT SINGLE-CHIP MICROCOMPUTER 740 FAMILY / 7470 SERIES
PDF  337 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7480 Datasheet(HTML) 188 Page - Renesas Technology Corp

Back Button 7480 Datasheet HTML 184Page - Renesas Technology Corp 7480 Datasheet HTML 185Page - Renesas Technology Corp 7480 Datasheet HTML 186Page - Renesas Technology Corp 7480 Datasheet HTML 187Page - Renesas Technology Corp 7480 Datasheet HTML 188Page - Renesas Technology Corp 7480 Datasheet HTML 189Page - Renesas Technology Corp 7480 Datasheet HTML 190Page - Renesas Technology Corp 7480 Datasheet HTML 191Page - Renesas Technology Corp 7480 Datasheet HTML 192Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 188 / 337 page
background image
7480 Group and 7481 Group User's Manual
1-171
HARDWARE
1.20 Built-in PROM Version
Remarks
One Time PROM Version
(shipped in blank)
One Time PROM Version
One Time PROM Version (Extended
operating temperature range version)
One Time PROM Version
(shipped in blank)
One Time PROM Version
One Time PROM Version (Extended
operating temperature range version)
Built-in EPROM Version
Product
M37480E8SP
M37480E8FP
M37480E8-XXXSP
M37480E8-XXXFP
M37480E8T-XXXSP
M37480E8T-XXXFP
M37481E8SP
M37481E8FP
M37481E8-XXXSP
M37481E8-XXXFP
M37481E8T-XXXSP
M37481E8T-XXXFP
M37481E8SS
(As of September 1997)
1.20 Built-in PROM Version
A microcomputer with built-in PROM (PROM) is called a built-in programmable ROM version (built-in PROM
version), in contrast to a mask ROM version.
The 7480 Group and 7481 Group offer the following two versions of this type.
• One Time PROM version
The one time PROM are programmable only once. Erasing and reprogramming are not possible.
• Built-in EPROM version (with a transparent window)
The microcomputer has a built-in erasable PROM (EPROM) with a transparent window in top of the
package. The built-in EPROM are programmable, erasable and reprogrammable.
The built-in PROM version has the EPROM mode to program into the built-in PROM, in addition to the
operation modes of the mask ROM version.
For details, refer to Sections 1.3 Performance Overviews, 1.4 Pinouts, and 1.6 Functional Block Diagrams.
The 7480 Group and 7481 Group support the built-in PROM version products listed in Table 1.20.1.
Table 1.20.1 Supported Built-in PROM Version Products in 7480 Group and 7481 Group
PROM
(bytes)
16384
RAM
(bytes)
448
I/O Port
I/O ports: 18
Input ports: 8
(Including 4 analog
input pins.)
I/O ports: 24
Input ports: 12
(Including 8 analog
input pins.)
Package
32P4B
32P2W-A
32P4B
32P2W-A
32P4B
32P2W-A
42P4B
44P6N-A
42P4B
44P6N-A
42P4B
44P6N-A
42S1B-A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com