| Electronic Components Datasheet Search |
|
7480 Datasheet(PDF) 186 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
7480 Datasheet(HTML) 186 Page - Renesas Technology Corp |
|
186 / 337 page ![]() 7480 Group and 7481 Group User's Manual 1-169 1.19 Power Saving Function HARDWARE (2) Transition to Wait Mode The transition from the normal mode to the wait mode is described below. Recovery from Wait Mode by Reset Input Execute the WIT instruction while the WIT instruction is valid. Recovery from Wait Mode by Accepting Interrupt Request Execute the WIT instruction while the WIT instruction is valid after the interrupt for terminating the wait mode is set. For the setting of the valid/invalid of the WIT instruction, refer to Section 1.19.4 Setting of Valid/ Invalid of STP and WIT Instructions. 1.19.4 Setting of Valid/Invalid of STP and WIT Instructions In the 7480 Group and 7481 Group, the valid/invalid of the STP and WIT instructions can be selected with the STP instruction operation control register. The STP and the WIT instruction are invalid after the system is released from reset to prevent the program from a runaway. Writing twice successively to the STP instruction operation control register makes the STP and the WIT instruction valid, while non-successive writing to the register (for example, a single write) makes these instructions invalid. As the STP and the WIT instruction remain invalid after the system is released from reset, successive writing is used to prevent the clock oscillation from stopping due to erroneous data written during a program runaway. Figure 1.19.7 shows the setting of valid/invalid of the STP and WIT instructions. Figure 1.19.7 Setting of Valid/Invalid of STP and WIT Instructions Procedure 1 Setting interrupt disable flag of processor status register to ‘1’ (interrupt disabled) STP and WIT instructions invalid Procedure 2 Setting STP instruction operation control register (twice successive writing) (Note 1) STP instruction operation control register (STPCON) [Address 00DE16] b7 b0 1. A write of ‘1’ 1 STP and WIT valid/Invalid selection 0: Valid 1: Invalid STP instruction operation control register (STPCON) [Address 00DE16] b7 b0 2. Selection of valid/invalid of STP and WIT instructions (Note 2) Notes 1: A single write to the STP instruction operation control register makes the STP and WIT instructions invalid. 2: If invalidating the STP and WIT instructions, the second write can be omitted. Procedure 3 Clearing interrupt disable flag of processor status register to ‘0’ (interrupt enabled) when using interrupts. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |