Electronic Components Datasheet Search
  English  ▼

X  

7480 Datasheet(PDF) 183 Page - Renesas Technology Corp

Part # 7480
Description  8-BIT SINGLE-CHIP MICROCOMPUTER 740 FAMILY / 7470 SERIES
PDF  337 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7480 Datasheet(HTML) 183 Page - Renesas Technology Corp

Back Button 7480 Datasheet HTML 179Page - Renesas Technology Corp 7480 Datasheet HTML 180Page - Renesas Technology Corp 7480 Datasheet HTML 181Page - Renesas Technology Corp 7480 Datasheet HTML 182Page - Renesas Technology Corp 7480 Datasheet HTML 183Page - Renesas Technology Corp 7480 Datasheet HTML 184Page - Renesas Technology Corp 7480 Datasheet HTML 185Page - Renesas Technology Corp 7480 Datasheet HTML 186Page - Renesas Technology Corp 7480 Datasheet HTML 187Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 183 / 337 page
background image
7480 Group and 7481 Group User's Manual
1-166
1.19 Power Saving Function
HARDWARE
1.19.2 Stop Mode
(1)
Operations in Stop Mode
State in Stop Mode
When the STP instruction is valid, its execution causes the CPU to enter the stop mode. In this
mode, the CPU operation is halted because internal clock
φ stops in the HIGH state. In addition, the
operation of the peripherals stops as well, because the oscillation of f(XIN) stops. As a result, power
dissipation can be reduced.
Timer 1 goes to ‘FF16’ to generate the oscillator start-up stabilization time necessary for terminating
the stop mode, and a frequency of f(XIN)/8 is selected as the count source.
Note: Timers continue counting in the event count mode, as done the serial I/O does when the
external clock (or its 1/16) is selected as the synchronous clock.
For the operations in the stop mode, refer to Table 1.19.1 States of Microcomputer in Power
Saving Modes.
The stop mode is terminated by reset or accepting an interrupt request, and the CPU returns to the
normal mode.
The operation at recovery from the stop mode by reset or accepting an interrupt request is described
below.
Recovery from Stop Mode by Reset Input
Œ By applying the LOW level to the RESET pin for 2
µs or more in the stop mode, the CPU enters
the reset state and is brought out of the stop mode, causing the XIN oscillation to resume.
 When the RESET pin is restored to the HIGH level, the oscillator start-up stabilization time is
generated by timer 1.
Ž After the oscillator start-up stabilization time elapses, internal clock
φ is supplied to the CPU.
 The program is executed at the address stored in the reset vector area.
Figure 1.19.5 shows the operation at recovery from the stop mode by reset input.
Figure 1.19.5 Operation at Recovery from Stop Mode by Reset Input
For details of reset, refer to Section 1.17 Reset.
VCC
XIN pin
RESET
Undefined
Internal reset
Stop mode
STP instruction
executed
Stop mode is terminated
by reset input
2
µs
or more
Note: 2 cycles of internal clock
Oscillation start-up stabilization time
2048 cycles of XIN pin input signal
XIN pin : High-impedance state
STP instruction execution cycle (Note)
φ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com