Electronic Components Datasheet Search
  English  ▼

X  

7480 Datasheet(PDF) 187 Page - Renesas Technology Corp

Part # 7480
Description  8-BIT SINGLE-CHIP MICROCOMPUTER 740 FAMILY / 7470 SERIES
PDF  337 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7480 Datasheet(HTML) 187 Page - Renesas Technology Corp

Back Button 7480 Datasheet HTML 183Page - Renesas Technology Corp 7480 Datasheet HTML 184Page - Renesas Technology Corp 7480 Datasheet HTML 185Page - Renesas Technology Corp 7480 Datasheet HTML 186Page - Renesas Technology Corp 7480 Datasheet HTML 187Page - Renesas Technology Corp 7480 Datasheet HTML 188Page - Renesas Technology Corp 7480 Datasheet HTML 189Page - Renesas Technology Corp 7480 Datasheet HTML 190Page - Renesas Technology Corp 7480 Datasheet HTML 191Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 187 / 337 page
background image
7480 Group and 7481 Group User's Manual
1-170
1.19 Power Saving Function
HARDWARE
1.19.5 Notes on Usage
Pay attention to the following notes when the power saving function is used.
(1)
Setting of Valid/Invalid of STP and WIT Instructions
To make the STP and the WIT instruction valid, write twice successively to the STP instruction
operation control register while interrupts are disabled.
REASON: Execution of an interrupt service routine may cause this register not to be successively
written.
(2)
In Stop Mode
After the CPU is brought out of the stop mode, timer 1 operates in the following conditions. Re-set
timer 1 if necessary.
• Contents of the timer 1 latch: ‘FF16’
• Count source: f(XIN)/8
Since the A-D converter stops in the stop mode, execute the STP instruction after A-D conversion
is completed.
In the stop mode, timer X and timer Y continue counting only in the event count mode.
Serial I/O operates only when an external clock (or its 1/16) is selected as the synchronous clock
in the stop mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com