Electronic Components Datasheet Search
  English  ▼

X  

7480 Datasheet(PDF) 185 Page - Renesas Technology Corp

Part # 7480
Description  8-BIT SINGLE-CHIP MICROCOMPUTER 740 FAMILY / 7470 SERIES
PDF  337 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7480 Datasheet(HTML) 185 Page - Renesas Technology Corp

Back Button 7480 Datasheet HTML 181Page - Renesas Technology Corp 7480 Datasheet HTML 182Page - Renesas Technology Corp 7480 Datasheet HTML 183Page - Renesas Technology Corp 7480 Datasheet HTML 184Page - Renesas Technology Corp 7480 Datasheet HTML 185Page - Renesas Technology Corp 7480 Datasheet HTML 186Page - Renesas Technology Corp 7480 Datasheet HTML 187Page - Renesas Technology Corp 7480 Datasheet HTML 188Page - Renesas Technology Corp 7480 Datasheet HTML 189Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 185 / 337 page
background image
7480 Group and 7481 Group User's Manual
1-168
1.19 Power Saving Function
HARDWARE
(2)
Transition to Stop Mode
The transition from the normal mode to the stop mode is described below.
Recovery from Stop Mode by Reset Input
Execute the STP instruction while the STP instruction is valid.
Recovery from Stop Mode by Accepting Interrupt Request
Execute the STP instruction while the STP instruction is valid after the following sequence is completed:
• Set the interrupt that is used to terminate the stop mode.
• Clear the timer 1 interrupt enable bit to ‘0’ (disabled).
• Clear the timer 1 stop control bit to ‘0’ (count operation).
For the setting of the valid/invalid of the STP instruction, refer to Section 1.19.4 Setting of Valid/
Invalid of STP and WIT Instructions.
1.19.3 Wait Mode
(1)
Operations in Wait Mode
State in Wait Mode
When the WIT instruction is valid, its execution causes the CPU to enter the wait mode. In this mode,
internal clock
φ stops, though f(XIN) continues oscillation. As a result, the CPU is halted but the
peripherals continue to operate.
For the operations in the wait mode, refer to Table 1.19.1 States of Microcomputer at Power
Saving Modes.
The wait mode is terminated by reset or accepting an interrupt request, and the CPU returns to the
normal mode.
The operation at recovery from the wait mode by reset or accepting an interrupt request is described
below.
Recovery from Wait Mode by Reset Input
Œ By applying the LOW level to the RESET pin for 2
µs or more in the wait mode, the CPU enters
the reset state and is brought out of the wait mode.
 When the RESET pin is restored to the HIGH level, the oscillator start-up stabilization time is
generated by timer 1.
Ž After the oscillator start-up stabilization time elapses, internal clock
φ is supplied to the CPU.
 The program is executed at the address stored in the reset vector area.
For details of reset, refer to Section 1.17 Reset.
Recovery from Wait Mode by Interrupt
Œ The wait mode is terminated, when an interrupt request is generated and its interrupt is acceptable
in the wait mode.
 Next, internal clock
φ is resumed and supplied to the CPU.
Ž The interrupt request used to terminate the wait mode is accepted and the interrupt service routine
is executed.
 After the interrupt service routine is completed, the program is executed at the instruction following
the WIT instruction.
All interrupt sources except the BRK instruction interrupt, are available for recovering from the wait
mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com