Electronic Components Datasheet Search
  English  ▼

X  

7480 Datasheet(PDF) 182 Page - Renesas Technology Corp

Part # 7480
Description  8-BIT SINGLE-CHIP MICROCOMPUTER 740 FAMILY / 7470 SERIES
PDF  337 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7480 Datasheet(HTML) 182 Page - Renesas Technology Corp

Back Button 7480 Datasheet HTML 178Page - Renesas Technology Corp 7480 Datasheet HTML 179Page - Renesas Technology Corp 7480 Datasheet HTML 180Page - Renesas Technology Corp 7480 Datasheet HTML 181Page - Renesas Technology Corp 7480 Datasheet HTML 182Page - Renesas Technology Corp 7480 Datasheet HTML 183Page - Renesas Technology Corp 7480 Datasheet HTML 184Page - Renesas Technology Corp 7480 Datasheet HTML 185Page - Renesas Technology Corp 7480 Datasheet HTML 186Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 182 / 337 page
background image
7480 Group and 7481 Group User's Manual
1-165
1.19 Power Saving Function
HARDWARE
(2)
Edge Polarity Selection Register
The edge polarity selection register consists of the bits that select the polarity of the valid edge of
INT and CNTR pins, as well as the bit that selects the valid/invalid of key-on wakeup.
Figure 1.19.4 shows the edge polarity selection register.
Figure 1.19.4 Edge Polarity Selection Register
Edge polarity selection register
b5
b6
b7
b4 b3 b2 b1 b0
b
Name
Function
At reset
1
2
3
4
5
6
7
0
0
0
0
0
Undefined
0
Edge polarity selection register (EG) [Address 00D416]
INT0 edge
selection bit
INT1 edge
selection bit
0: In event count mode, rising edge counted.
: In pulse output mode, operation started
at HIGH level output.
: In pulse period measurement mode, a period
from falling edge until falling edge measured.
: In pulse width measurement mode,
HIGH-level period measured.
: In programmable one-shot output mode,
one-shot HIGH pulse generated after
operation started at LOW level output.
: Interrupt request is generated by detecting
falling edge.
1: In event count mode, falling edge counted.
: In pulse output mode, operation started
at LOW level output.
: In pulse period measurement mode, a period
from rising edge until rising edge measured.
: In pulse width measurement mode,
LOW-level period measured.
: In programmable one-shot output mode,
one-shot LOW pulse generated after
operation started at HIGH level output.
: Interrupt request is generated by detecting
rising edge.
CNTR0 edge
selection bit
CNTR1 edge
selection bit
INT1 source
selection bit at
STP or WIT
0 : P31/INT1
1 : P00–P07 LOW level
(for key-on wake-up)
0 : Falling edge
1 : Rising edge
0 : Falling edge
1 : Rising edge
Not implemented. Writing to this bit is disabled.
This bit is undefined at reading.
Not implemented. Writing to these bits are disabled.
These bits are undefined at reading.
Note: When setting bits 0 to 3, the interrupt request bit may be set to ‘1’.
After setting the following, enable the interrupt.
Œ Disable interrupts
 Set the edge polarity selection register
Ž Set the interrupt request bit to ‘0’
Undefined
Undefined
RW
O
O
O
O
O
O
O
O
O
×
O
Undefined
×
Undefined
×
Undefined



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com