Electronic Components Datasheet Search
  English  ▼

X  

7480 Datasheet(PDF) 178 Page - Renesas Technology Corp

Part # 7480
Description  8-BIT SINGLE-CHIP MICROCOMPUTER 740 FAMILY / 7470 SERIES
PDF  337 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7480 Datasheet(HTML) 178 Page - Renesas Technology Corp

Back Button 7480 Datasheet HTML 174Page - Renesas Technology Corp 7480 Datasheet HTML 175Page - Renesas Technology Corp 7480 Datasheet HTML 176Page - Renesas Technology Corp 7480 Datasheet HTML 177Page - Renesas Technology Corp 7480 Datasheet HTML 178Page - Renesas Technology Corp 7480 Datasheet HTML 179Page - Renesas Technology Corp 7480 Datasheet HTML 180Page - Renesas Technology Corp 7480 Datasheet HTML 181Page - Renesas Technology Corp 7480 Datasheet HTML 182Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 178 / 337 page
background image
7480 Group and 7481 Group User's Manual
1-161
HARDWARE
1.18.4 Oscillator Start-Up Stabilization Time
Oscillation is unstable immediately after oscillation is started in the oscillation circuit which uses a ceramic
resonator. Necessary time for stabilizing oscillation is called an oscillator start-up stabilization time.
The oscillator start-up stabilization time necessitated varies with the structure of the oscillation circuit used.
Consult the manufacturer of the resonator for the oscillator start-up stabilization time.
(1)
Oscillator Start-Up Stabilization Time at Power On
The oscillator start-up stabilizing time of 2048 cycles of the XIN pin input signal is automatically
generated after the system is released from reset by timer 1 in the 7480 Group and 7481 Group
(Note).
Note: Timer 1 goes to ‘FF16’ to select f(XIN)/8 as the count source.
Figure 1.18.4 shows an oscillator start-up stabilization time at power on.
Figure 1.18.4 Oscillator Start-Up Stabilization Time at Power On
(2)
Oscillator Start-Up Stabilization Time after Stop Mode
Oscillation stops in the stop mode. When the CPU returns from the stop mode by reset or accepting
an interrupt request, the oscillator start-up stabilization time of 2048 cycles of the input signal to the
XIN pin is automatically generated by timer 1, as occurs at power on.
1.18.5 Notes on Usage
Pay attention to the following notes when an oscillation circuit is used.
The oscillation circuit is held in the high-speed mode after the system is released from reset.
When a ceramic resonator is connected between the XIN and XOUT pins, consult the manufacturer of the
resonator for the oscillator start-up stabilization time.
When an external clock is input to the XIN pin, use a 50% duty cycle pulse signal as the external clock
input to the XIN pin. At this time, leave the XOUT pin open.
Activate timer 1 and disable the acceptance of a timer 1 interrupt request before the STP instruction is
executed.
2.7 V (Note)
VCC
XIN
RESET pin
2048 cycles of XIN pin input signal
2
µs or more
Oscillator start-up stabilization time
Note: At f(XIN) = (2.2 VCC–2) MHz.
Apply 0.32 V or less to the RESET pin at the time that power source voltage passes 2.7 V.
Internal reset
Internal reset released
1.18 Oscillation Circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com