Electronic Components Datasheet Search
  English  ▼

X  

7480 Datasheet(PDF) 176 Page - Renesas Technology Corp

Part # 7480
Description  8-BIT SINGLE-CHIP MICROCOMPUTER 740 FAMILY / 7470 SERIES
PDF  337 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7480 Datasheet(HTML) 176 Page - Renesas Technology Corp

Back Button 7480 Datasheet HTML 172Page - Renesas Technology Corp 7480 Datasheet HTML 173Page - Renesas Technology Corp 7480 Datasheet HTML 174Page - Renesas Technology Corp 7480 Datasheet HTML 175Page - Renesas Technology Corp 7480 Datasheet HTML 176Page - Renesas Technology Corp 7480 Datasheet HTML 177Page - Renesas Technology Corp 7480 Datasheet HTML 178Page - Renesas Technology Corp 7480 Datasheet HTML 179Page - Renesas Technology Corp 7480 Datasheet HTML 180Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 176 / 337 page
background image
7480 Group and 7481 Group User's Manual
1-159
HARDWARE
1.18.2 Register Associated with Oscillation Circuit
Figure 1.18.2 shows the memory map of the register associated with the oscillation circuit.
00FB16
CPU mode register (CPUM)
Figure 1.18.2 Memory Map of Register Associated with Oscillation Circuit
The CPU mode register consists of the bits that select a stack page and an internal clock, as well as the
bit that selects a count source of the watchdog timer.
Figure 1.18.3 shows the CPU mode register.
Figure 1.18.3 CPU Mode Register
1.18 Oscillation Circuit
CPU mode register
b5
b6
b7
b4 b3 b2 b1 b0
b
Name
Function
At reset
1
2
3
4
5
6
7
0
0
0
0
0
Undefined
0
Undefined
CPU mode register (CPUM) [Address 00FB16]
Fix these bits to ‘0’.
Stack page selection bit
(Note)
0 : Zero page
1 : 1 page
Watchdog timer L count
source selection bit
0 : f(XIN)/8
1 : f(XIN)/16
Clock division
ratio selection bit
0 : f(XIN)/2 (high-speed mode)
1 : f(XIN)/8 (medium-speed mode)
Not implemented. Writing to this bit is disabled.
This bit is undefined at reading.
Not implemented. Writing to this bit is disabled.
This bit is undefined at reading.
Note: In the products whose RAM size is 192 bytes or less, set this bit to ‘0’.
0
0
Not implemented. Writing to this bit is disabled.
This bit is undefined at reading.
Undefined
RW
O
O
0
O
Undefined
Undefined
Undefined
×
×
×
O0
OO
OO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com