| Electronic Components Datasheet Search |
|
7480 Datasheet(PDF) 173 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
7480 Datasheet(HTML) 173 Page - Renesas Technology Corp |
|
173 / 337 page ![]() 7480 Group and 7481 Group User's Manual 1-156 HARDWARE 1.17.2 Internal State at Reset Figure 1.17.2 shows the internal state at reset. Figure 1.17.2 Internal State at Reset 1.17 Reset 00C116 0016 (1) Port P0 direction register (P0D) 00C316 (2) Port P1 direction register (P1D) 00C916 0 (3) Port P4 direction register (P4D) 00CB16 0 (4) Port P5 direction register (P5D) 00D016 (5) Port P0 pull-up control register (P0PCON) 00D116 0 (6) Port P1 pull-up control register (P1PCON) 00D216 (7) Port P4P5 input control register (P4P5CON) 00D416 (8) Edge polarity selection register (EG) 00D916 (9) A-D control register (ADCON) 00DE16 0 (10) STP instruction operation control register (STPCON) 00E116 1 (11) Serial I/O status register (SIOSTS) 00E216 (12) Serial I/O control register (SIOCON) 00E316 (13) UART control register (UARTCON) 00E516 (14) Bus collision detection control register (BUSARBCON) 00EF16 (15) Watchdog timer H (WDTH) 00F016 (16) Timer X low-order (TXL) 00F116 (17) Timer X high-order (TXH) 00F216 (18) Timer Y low-order (TYL) 00F316 (19) Timer Y high-order (TYH) 00F416 (20) Timer 1 (T1) 00F616 (21) Timer X mode register (TXM) 00F716 (22) Timer Y mode register (TYM) 00F816 0 (23) Timer XY control register (TXYCON) 00F916 (24) Timer 1 mode register (T1M) 00FA16 (25) Timer 2 mode register (T2M) 00FB16 (26) CPU mode register (CPUM) 00FC16 (27) Interrupt request register 1 (IREQ1) 00FD16 (28) Interrupt request register 2 (IREQ2) 00FE16 (29) Interrupt control register 1 (ICON1) 00FF16 (30) Interrupt control register 2 (ICON2) (31) Program counter (PCH) (PCL) (32) Processor status register (PS) 0016 0 0 0 0 0 0 0016 0 0016 00 0 0 0 00 0 1 0 00 0 1 0 00 00 0 0 0 00 0016 00 0 0 1 11 1 0016 FF16 FF16 FF16 FF16 FF16 FF16 0016 0016 00 0 1 00 0016 0016 0016 0016 1 b0 b7 : Read back as undefined at reset. 1 00 00 0 00 0 0 00 0 0 Note: Since the contents of the registers and RAM not mentioned above are undefined at reset, initialize them by software. There are bits not implemented for some products. For these bits, refer to each register. Address Contents of register Contents of FFFF16 Contents of FFFE16 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |