Electronic Components Datasheet Search
  English  ▼

X  

7480 Datasheet(PDF) 175 Page - Renesas Technology Corp

Part # 7480
Description  8-BIT SINGLE-CHIP MICROCOMPUTER 740 FAMILY / 7470 SERIES
PDF  337 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7480 Datasheet(HTML) 175 Page - Renesas Technology Corp

Back Button 7480 Datasheet HTML 171Page - Renesas Technology Corp 7480 Datasheet HTML 172Page - Renesas Technology Corp 7480 Datasheet HTML 173Page - Renesas Technology Corp 7480 Datasheet HTML 174Page - Renesas Technology Corp 7480 Datasheet HTML 175Page - Renesas Technology Corp 7480 Datasheet HTML 176Page - Renesas Technology Corp 7480 Datasheet HTML 177Page - Renesas Technology Corp 7480 Datasheet HTML 178Page - Renesas Technology Corp 7480 Datasheet HTML 179Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 175 / 337 page
background image
7480 Group and 7481 Group User's Manual
1-158
HARDWARE
1.18 Oscillation Circuit
The 7480 Group and 7481 Group are equipped with a built-in clock generator providing the clock necessary
for operation of the microcomputer. An oscillation circuit is constructed by connecting a ceramic resonator
between the XIN and XOUT pins (Note 1). Also, an external clock can be supplied to the clock generator (Note
2).
The built-in feedback resistor connected between the XIN and XOUT pins allows the user to omit an external
resistor.
Notes 1: For an example of an oscillation circuit using a ceramic resonator, refer to Section 2.6 Oscillation
Circuit. Consult the manufacturer of the resonator for the oscillator start-up stabilization time.
2: Also, for an external clock circuit, refer to Section 2.6 Oscillation Circuit. Use a 50% duty cycle
pulse signal as the external clock input to the XIN pin. At this time, leave the XOUT pin open.
1.18.1 Block Diagram of Clock Generator
The clock generator controls the oscillation circuit. The generated clock (internal clock
φ) is supplied to the
CPU and the peripherals.
Figure 1.18.1 shows the block diagram of the clock generator.
Figure 1.18.1 Block Diagram of Clock Generator
R
Q
S
Interrupt disable flag
Interrupt request
WIT
instruction
XIN
XOUT
1/4
1/2
R
Q
S
1/4
R
Q
S
Reset
STP
instruction
Timer 1
Internal clock
Reset
STP instruction
Clock dividing ratio selection bit
‘0’
‘1’
1.18 Oscillation Circuit
φ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com