Electronic Components Datasheet Search
  English  ▼

X  

7480 Datasheet(PDF) 170 Page - Renesas Technology Corp

Part # 7480
Description  8-BIT SINGLE-CHIP MICROCOMPUTER 740 FAMILY / 7470 SERIES
PDF  337 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7480 Datasheet(HTML) 170 Page - Renesas Technology Corp

Back Button 7480 Datasheet HTML 166Page - Renesas Technology Corp 7480 Datasheet HTML 167Page - Renesas Technology Corp 7480 Datasheet HTML 168Page - Renesas Technology Corp 7480 Datasheet HTML 169Page - Renesas Technology Corp 7480 Datasheet HTML 170Page - Renesas Technology Corp 7480 Datasheet HTML 171Page - Renesas Technology Corp 7480 Datasheet HTML 172Page - Renesas Technology Corp 7480 Datasheet HTML 173Page - Renesas Technology Corp 7480 Datasheet HTML 174Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 170 / 337 page
background image
7480 Group and 7481 Group User's Manual
1-153
HARDWARE
1.16 Watchdog Timer
1.16.4 Setting of Watchdog Timer
Figure 1.16.6 shows the setting of the watchdog timer.
Figure 1.16.6 Setting of Watchdog Timer
1.16.5 Notes on Usage
Pay attention to the following notes when the watchdog timer is used.
Write to watchdog timer in the main routine in order to prevent bit 7 of watchdog timer H from going to
‘0’.
The watchdog timer continues counting even during the oscillator start-up stabilization time (2048 cycles
of the XIN pin input signal) after the stop mode is terminated, and the wait mode. Write to watchdog timer
in order to prevent bit 7 of watchdog timer H from going to ‘0’.
Do not operate the watchdog timer during system evaluation.
Procedure 1 Selecting watchdog timer L count source
CPU mode register (CPUM) [Address 00FB16]
b7
b0
Arbitrary data (Note 2)
Procedure 2 Writing to watchdog timer H (Note 1)
Watchdog timer H (WDTH) [Address 00EF16]
0
0
FF16
Notes 1: Writing to watchdog timer H starts counting.
2: The following values are set regardless of written data.
• Watchdog Timer L
← ‘7F16’
• Watchdog Timer H
← ‘FF16’
Note: Internal reset occurs if bit 7 of watchdog timer H becomes ‘0’. Therefore, write to watchdog timer H
in the main routine in order to prevent bit 7 of watchdog timer H from going to ‘0’.
Since the timer counts for the start-up stabilization time (2048 cycles of the XIN pin input signal),
bit 7 of watchdog timer H must not be ‘0’ during this period.
Watchdog timer L count soure selection
0: f(XIN)/8
1: f(XIN)/16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com