Electronic Components Datasheet Search
  English  ▼

X  

7480 Datasheet(PDF) 166 Page - Renesas Technology Corp

Part # 7480
Description  8-BIT SINGLE-CHIP MICROCOMPUTER 740 FAMILY / 7470 SERIES
PDF  337 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7480 Datasheet(HTML) 166 Page - Renesas Technology Corp

Back Button 7480 Datasheet HTML 162Page - Renesas Technology Corp 7480 Datasheet HTML 163Page - Renesas Technology Corp 7480 Datasheet HTML 164Page - Renesas Technology Corp 7480 Datasheet HTML 165Page - Renesas Technology Corp 7480 Datasheet HTML 166Page - Renesas Technology Corp 7480 Datasheet HTML 167Page - Renesas Technology Corp 7480 Datasheet HTML 168Page - Renesas Technology Corp 7480 Datasheet HTML 169Page - Renesas Technology Corp 7480 Datasheet HTML 170Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 166 / 337 page
background image
7480 Group and 7481 Group User's Manual
1-149
HARDWARE
1.16 Watchdog Timer
If a program cannot run a normal loop by a runaway, etc., the watchdog timer provides the means of
returning the CPU to the reset state.
In the 7480 Group and 7481 Group, invalidating the STP and WIT instructions causes a runaway to be
detected more effectively. For the selection of the valid/invalid of the STP and WIT instructions, refer to
Section 1.19 Power Saving Function.
The watchdog timer is comprised of 7-bit watchdog timer L and 8-bit watchdog timer H (address 00FE16).
1.16.1 Block Diagram of Watchdog Timer
Figure 1.16.1 shows the block diagram of the watchdog timer.
Figure 1.16.1 Block Diagram of Watchdog Timer
1.16.2 Registers Associated with Watchdog Timer
Figure 1.16.2 shows the memory map of the registers associated with the watchdog timer.
1.16 Watchdog Timer
bit 7
Data bus
1/16
1/8
XIN
RESET
‘7F16’ is set when writing to
watchdog timer H
‘FF16’ is set when writing to
watchdog timer H
Watchdog timer L
(7 bits)
Watchdog timer H
(8 bits)
‘0’
‘1’
Watchdog timer L count
source selection bit
Internal reset
Reset circuit
00EF16
00FB16
Watchdog timer H (WDTH)
CPU mode register (CPUM)
Figure 1.16.2 Memory Map of Registers Associated with Watchdog Timer



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com