Electronic Components Datasheet Search
  English  ▼

X  

7480 Datasheet(PDF) 164 Page - Renesas Technology Corp

Part # 7480
Description  8-BIT SINGLE-CHIP MICROCOMPUTER 740 FAMILY / 7470 SERIES
PDF  337 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7480 Datasheet(HTML) 164 Page - Renesas Technology Corp

Back Button 7480 Datasheet HTML 160Page - Renesas Technology Corp 7480 Datasheet HTML 161Page - Renesas Technology Corp 7480 Datasheet HTML 162Page - Renesas Technology Corp 7480 Datasheet HTML 163Page - Renesas Technology Corp 7480 Datasheet HTML 164Page - Renesas Technology Corp 7480 Datasheet HTML 165Page - Renesas Technology Corp 7480 Datasheet HTML 166Page - Renesas Technology Corp 7480 Datasheet HTML 167Page - Renesas Technology Corp 7480 Datasheet HTML 168Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 164 / 337 page
background image
7480 Group and 7481 Group User's Manual
1-147
HARDWARE
1.15.5 Notes on Usage
Pay attention to the following notes when the A-D converter is used.
The comparator consists of a capacitive coupling circuit, so that low clock input frequencies cause
electric charge to be lost.
• Use 1 MHz or more of f(XIN) during A-D conversion is performed.
• Do not execute the STP instruction during A-D conversion.
Voltages to be applied to the reference voltage input pin are as follows:
• VREF = 2 to VCC [V] when VCC = 2.7 V to 4.0 V
• VREF = 0.5 VCC to VCC [V] when VCC = 4.0 V to 5.5 V
When the A-D converter is not used, connect VREF pin to the VCC pin.
Apply the same voltage as to the VSS pin to analog power source voltage input pin AVSS. (The AVSS
pin is dedicated to the 44P6N-A package in the 7481 Group.)
Even when A-D conversion is started, the A-D conversion completion interrupt request bit is not automatically
cleared to ‘0’.
Clear this bit to ‘0’ before A-D conversion starts.
A-D conversion resumes when ‘0’ is written into the A-D conversion completion bit of the A-D control
register during A-D conversion.
To start A-D conversion, set the VREF connection selection bit of the A-D control register to ‘1’ to
connect ladder resistor and the VREF. A-D conversion can then be started, after the VREF stabilization
time elapses 1.0
µs or more.
1.15 A-D Converter



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com