Electronic Components Datasheet Search
  English  ▼

X  

7480 Datasheet(PDF) 161 Page - Renesas Technology Corp

Part # 7480
Description  8-BIT SINGLE-CHIP MICROCOMPUTER 740 FAMILY / 7470 SERIES
PDF  337 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7480 Datasheet(HTML) 161 Page - Renesas Technology Corp

Back Button 7480 Datasheet HTML 157Page - Renesas Technology Corp 7480 Datasheet HTML 158Page - Renesas Technology Corp 7480 Datasheet HTML 159Page - Renesas Technology Corp 7480 Datasheet HTML 160Page - Renesas Technology Corp 7480 Datasheet HTML 161Page - Renesas Technology Corp 7480 Datasheet HTML 162Page - Renesas Technology Corp 7480 Datasheet HTML 163Page - Renesas Technology Corp 7480 Datasheet HTML 164Page - Renesas Technology Corp 7480 Datasheet HTML 165Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 161 / 337 page
background image
7480 Group and 7481 Group User's Manual
1-144
HARDWARE
1.15.3 Operations of A-D Converter
The A-D conversion system of the 7480 Group and 7481 Group is successive comparison conversion. The
comparison result of internally generated comparison voltage Vref with input voltage VIN from an analog
input pin is stored in the A-D conversion register.
The operations of the A-D converter are described below.
Start of A-D Conversion
When the A-D conversion completion bit of the A-D control register is cleared to ‘0’, A-D conversion is
started.
A-D Conversion
Œ
The A-D conversion register goes to ‘0016’.

Analog input voltage VIN is compared with comparison voltage Vref 8 times. The contents of the A-D
conversion register are determined by the bit from the MSB, each time a comparison is performed.
Comparison voltage Vref is determined by the following formula depending on the contents of the A-
D conversion register and reference voltage VREF, which is input from the VREF pin.
Expression of comparison voltage Vref
Vref =
0 ........................................when n = 0
VREF
256
VREF: Reference voltage input from the VREF pin
n
: The contents of the A-D conversion register
The first comparison (determination of bit 7 of A-D conversion register)
Bit 7 of the A-D conversion register is set to ‘1’, and comparison voltage Vref obtained by the above
formula is input to the comparator. Vref is compared with VIN, and bit 7 of the A-D conversion register
is determined, depending on the result of the comparison as follows:
• Bit 7 remains ‘1’ (retention) if Vref < VIN.
• Bit 7 is converted to ‘0’ if Vref > VIN.
Comparison from the second time (determination of bits 6 to 0 of A-D conversion register)
Every bit of bits 6 to 0 of the A-D conversion register is successively determined as bit 7 is done
in the first time. (The next bit to be determined is set to ‘1’, and the value of the bit is determined
by the comparison result of VIN with Vref.)
Figure 1.15.5 shows the change of the A-D conversion register and the comparison voltage during
A-D conversion.
Ž
A-D conversion is completed when comparison voltage Vref is compared with analog input voltage VIN
8 times and all bits of the A-D conversion register are determined. At this time, the A-D conversion
completion bit of the A-D control register becomes ‘1’.
× (n – 0.5) ........... when n = 1 to 255
1.15 A-D Converter



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com