Electronic Components Datasheet Search
  English  ▼

X  

7480 Datasheet(PDF) 158 Page - Renesas Technology Corp

Part # 7480
Description  8-BIT SINGLE-CHIP MICROCOMPUTER 740 FAMILY / 7470 SERIES
PDF  337 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7480 Datasheet(HTML) 158 Page - Renesas Technology Corp

Back Button 7480 Datasheet HTML 154Page - Renesas Technology Corp 7480 Datasheet HTML 155Page - Renesas Technology Corp 7480 Datasheet HTML 156Page - Renesas Technology Corp 7480 Datasheet HTML 157Page - Renesas Technology Corp 7480 Datasheet HTML 158Page - Renesas Technology Corp 7480 Datasheet HTML 159Page - Renesas Technology Corp 7480 Datasheet HTML 160Page - Renesas Technology Corp 7480 Datasheet HTML 161Page - Renesas Technology Corp 7480 Datasheet HTML 162Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 158 / 337 page
background image
7480 Group and 7481 Group User's Manual
1-141
HARDWARE
1.15 A-D Converter
The 7480 Group and 7481 Group have a built-in A-D converter with:
• analog input pins ...................... 8 channels (alternative functions of port P2) (Note), and
• conversion system .................... 8-bit successive comparison.
When the A-D converter is not used, power dissipation can be reduced by clearing the VREF connection
selection bit of the A-D control register to ‘0’ and switching off VREF.
Note: In the 7480 Group, 4-channel analog input pins are implemented.
1.15.1 Block Diagram of A-D Converter
Figure 1.15.1 shows the block diagram of the A-D converter.
Figure 1.15.1 Block Diagram of A-D Converter
P20/IN0
P21/IN1
P22/IN2
P23/IN3
P24/IN4
P25/IN5
P26/IN6
P27/IN7
A-D conversion
register
(Address 00DA16)
Switch tree
A-D control circuit
Ladder resistor
A-D conversion
completion interrupt
request
Comparator
b4
b0
A-D control register
(Address 00D916)
VREF
VSS
(Note 1)
(Note 2)
Data bus
Notes 1: AVSS for the 44P6N package of the 7481 Group.
2: Port pins P24/IN4–P27/IN7 are not implemented in the 7480 Group.
1.15 A-D Converter



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com