Electronic Components Datasheet Search
  English  ▼

X  

7480 Datasheet(PDF) 159 Page - Renesas Technology Corp

Part # 7480
Description  8-BIT SINGLE-CHIP MICROCOMPUTER 740 FAMILY / 7470 SERIES
PDF  337 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7480 Datasheet(HTML) 159 Page - Renesas Technology Corp

Back Button 7480 Datasheet HTML 155Page - Renesas Technology Corp 7480 Datasheet HTML 156Page - Renesas Technology Corp 7480 Datasheet HTML 157Page - Renesas Technology Corp 7480 Datasheet HTML 158Page - Renesas Technology Corp 7480 Datasheet HTML 159Page - Renesas Technology Corp 7480 Datasheet HTML 160Page - Renesas Technology Corp 7480 Datasheet HTML 161Page - Renesas Technology Corp 7480 Datasheet HTML 162Page - Renesas Technology Corp 7480 Datasheet HTML 163Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 159 / 337 page
background image
7480 Group and 7481 Group User's Manual
1-142
HARDWARE
1.15.2 Registers Associated with A-D Converter
Figure 1.15.2 shows the memory map of the registers associated with the A-D converter.
Figure 1.15.2 Memory Map of Registers Associated with A-D Converter
(1)
A-D Control Register
The A-D control register consists of the bits controlling the A-D converter.
Figure 1.15.3 shows the A-D control register.
Figure 1.15.3 A-D Control Register
00D916
00DA16
A-D control register (ADCON)
A-D conversion register (AD)
1.15 A-D Converter
A-D control register
b5
b6
b7
b4 b3 b2 b1 b0
b
Name
Function
At reset
1
2
3
4
5
6
7
0
0
0
0
1
0
Undefined
A-D control register (ADCON) [Address 00D916]
0 0 0 : P20/IN0
0 0 1 : P21/IN1
0 1 0 : P22/IN2
0 1 1 : P23/IN3
1 0 0 : P24/IN4
1 0 1 : P25/IN5
1 1 0 : P26/IN6
1 1 1 : P27/IN7
b2 b1 b0
Analog input pin selection bits
(Note)
A-D conversion completion bit
VREF connection selection bit
0 : Disconnect between VREF pin and
ladder resistor
1 : Connect between VREF pin and
ladder resistor
0 : Conversion in progress
1 : Conversion completed
Not implemented.
Writing to these bits is disabled.
These bits are undefined at reading.
∗: The bit can be set to ‘0’ by software, but cannot be set to ‘1’.
Note: Do not perform setting in the 7480 Group.
Undefined
Undefined
RW
O
O
×
×
×
O
O
O
O
O
OO
Undefined
Undefined
Undefined
∗



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com