Electronic Components Datasheet Search
  English  ▼

X  

7480 Datasheet(PDF) 155 Page - Renesas Technology Corp

Part # 7480
Description  8-BIT SINGLE-CHIP MICROCOMPUTER 740 FAMILY / 7470 SERIES
PDF  337 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7480 Datasheet(HTML) 155 Page - Renesas Technology Corp

Back Button 7480 Datasheet HTML 151Page - Renesas Technology Corp 7480 Datasheet HTML 152Page - Renesas Technology Corp 7480 Datasheet HTML 153Page - Renesas Technology Corp 7480 Datasheet HTML 154Page - Renesas Technology Corp 7480 Datasheet HTML 155Page - Renesas Technology Corp 7480 Datasheet HTML 156Page - Renesas Technology Corp 7480 Datasheet HTML 157Page - Renesas Technology Corp 7480 Datasheet HTML 158Page - Renesas Technology Corp 7480 Datasheet HTML 159Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 155 / 337 page
background image
7480 Group and 7481 Group User's Manual
1-138
HARDWARE
1.14.4 Bus Arbitration
In the serial I/O communications of the contention
bus system shown in Figure 1.14.23, transmit data
may not correctly be sent on the transmission line
because of bus collision.
In the 7480 Group and 7481 Group, if the comparison
of the level of serial I/O transmit pin TxD with that
of serial I/O receive pin RxD results in a mismatch,
the bus arbitration interrupt request is generated.
This indicates that the bus collision occurred.
When the bus collision detection enable bit of the
bus collision detection control register is set to ‘1’,
bus collision detection can be performed. In addition,
bus collision detection is valid when any of the
following conditions is selected:
Serial I/O mode
• Clock synchronous serial I/O
• Clock asynchronous serial I/O (UART)
Synchronous clock
• BRG output divided
• External clock (or external clock/16)
Figure 1.14.23 Contention bus system communications
1.14 Serial I/O
(1)
Block Diagram
Figure 1.14.24 shows the block diagram of the bus arbitration interrupt.
Figure 1.14.24 Block Diagram of Bus Arbitration Interrupt
TxD pin
RxD pin
Synchronous clock
Bus collision detection enable bit
Transmit enable bit
D
Q
Bus arbitration interrupt request
TxD
RxD
Interface
Driver/
Receiver
7480 Group
7481Group
LAN data bus



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com