| Electronic Components Datasheet Search |
|
7480 Datasheet(PDF) 151 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
7480 Datasheet(HTML) 151 Page - Renesas Technology Corp |
|
151 / 337 page ![]() 7480 Group and 7481 Group User's Manual 1-134 HARDWARE (4) Setting of UART Figures 1.14.21 and 1.14.22 show the setting of UART. Figure 1.14.21 Setting of UART (1) 1.14 Serial I/O Serial I/O receive interrupt disabled Serial I/O transmit interrupt disabled Procedure 2 Disabling serial I/O transmit/receive interrupt Interrupt control register 1 (ICON1) [Address 00FE16] b7 b0 00 Baud rate value is set Procedure 3 Setting baud rate generator when BRG output/16 is selected as synchronous clock Baud rate generator (BRG) [Address 00E416] Transmission operation stop and initialized Receive operation stop and initialized Procedure 1 Stop of serial I/O operation and initialization Serial I/O control register (SIOCON) [Address 00E216] b7 b0 00 Procedure 4 Setting serial I/O control register Serial I/O control register (SIOCON) [Address 00E216] b7 b0 1 0 X BRG count source selection (valid only when BRG output/16 is selected as synchronous clock) 0: f(XIN)/4 1: f(XIN)/16 Notes 1: When BRG output/16 is selected as the synchronous clock, P16/SCLK pin can be used as port pin P16 because the synchronous clock is not output externally from SCLK pin. Serial I/O synchronous clock selection 0: BRG output/16 (Note 1) 1: External clock input/16 This bit is invalid when UART is selected. Transmit interrupt source selection (valid only when transmitting) 0: when transmit buffer is empty 1: when transmit shift operation is completed Transmit enable selection 0: transmit disabled 1: transmit enabled Receive enable selection 0: receive disabled 1: receive enabled Clock asynchronous serial I/O (UART) selected Serial I/O enabled (P14–P16 are operated as serial I/O pin) |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |