Electronic Components Datasheet Search
  English  ▼

X  

7480 Datasheet(PDF) 147 Page - Renesas Technology Corp

Part # 7480
Description  8-BIT SINGLE-CHIP MICROCOMPUTER 740 FAMILY / 7470 SERIES
PDF  337 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7480 Datasheet(HTML) 147 Page - Renesas Technology Corp

Back Button 7480 Datasheet HTML 143Page - Renesas Technology Corp 7480 Datasheet HTML 144Page - Renesas Technology Corp 7480 Datasheet HTML 145Page - Renesas Technology Corp 7480 Datasheet HTML 146Page - Renesas Technology Corp 7480 Datasheet HTML 147Page - Renesas Technology Corp 7480 Datasheet HTML 148Page - Renesas Technology Corp 7480 Datasheet HTML 149Page - Renesas Technology Corp 7480 Datasheet HTML 150Page - Renesas Technology Corp 7480 Datasheet HTML 151Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 147 / 337 page
background image
7480 Group and 7481 Group User's Manual
1-130
HARDWARE
(2)
Operations of UART Transmission
Transmit Operation
Œ When transmit data is written to the transmit buffer register, the transmit buffer empty flag of the
serial I/O status register is cleared to ‘0’.
 The transmit data written to the transmit buffer register is transferred to the transmit shift register.
When the data transfer to the transmit shift register is completed, the transmit buffer empty flag
goes to ‘1’ (Note 1).
Ž Synchronized with a falling edge of the synchronous clock, the start bit (the LOW level) is output
from the TxD pin.
 Synchronized with the next falling edge of the synchronous clock, the least significant bit (LSB)
of the transmit data transferred to the transmit shift register is output from the TxD pin. At this time,
the contents of the transmit shift register are shifted to the low-order direction by one bit, and the
serial I/O transmit shift completion flag is cleared to ‘0’.
 By repeating the shift operation of ‘Transmit Operation ’ ‘n’ times (‘n’: the number of bits set by
the character length selection bit of the UART control register), the transmit data is output from
the TxD pin by the bit from the LSB.
‘ After the transmit data is output, the parity bit, and then the stop bit (the HIGH level), are output
from the TxD pin synchronized with falling edges of the synchronous clock. The parity bit and the
stop bit are generated and output automatically, according to the setting of the parity enable bit,
the parity selection bit, and the stop bit length selection bit of the UART control register.
When the last stop bit of the transfer format is output, the transmit shift completion flag is set to
‘1’ at the next rising edge of the synchronous clock (Note 2).
Notes 1: When the transmit buffer empty flag is ‘1’, the next transmit data can be written to the
transmit buffer register.
2: The supply of the synchronous clock pulse to the transmit shift register stops automatically
upon transmit completion when the BRG output/16 is selected as the synchronous clock.
However, when the next transmit data is written to the transmit buffer register during the
‘0’ state of the transmit shift completion flag, the supply of the synchronous clock pulse
continues, and data is successively transmitted.
Serial I/O Transmit Interrupt
In the following cases, the serial I/O transmit interrupt request bit of interrupt request register 1 is
set to ‘1’; then the interrupt request is generated:
• When the transmit interrupt source selection bit is ‘0’, and the data written to the transmit buffer
register is transferred to the transmit shift register (‘Transmit Operation ’).
• When the transmit interrupt source selection bit is ‘1’, and the shift operation of the transmit shift
register is completed (‘Transmit Operation ‘’).
Figure 1.14.17 shows the transmit operation of UART, and Figure 1.14.18 shows a transmit timing
example in UART.
1.14 Serial I/O



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com