| Electronic Components Datasheet Search |
|
7480 Datasheet(PDF) 146 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
7480 Datasheet(HTML) 146 Page - Renesas Technology Corp |
|
146 / 337 page ![]() 7480 Group and 7481 Group User's Manual 1-129 1.14 Serial I/O HARDWARE Name Start Bit (ST) Data Bits (DATA) Parity Bit (PA) Stop Bit(s) (SP) Function Indicates the start of data transmission. The LOW signal of one-bit wide is added to the head of the transmit data. The transmit data written into UART transmit buffer register. Data ‘0’ represents LOW, and ‘1’ the HIGH signal. Added to the end of the data bits to enhance the reliability of communications. The number of ‘1’ in transmit/receive data including parity bit keeps even or odd according to the setting value of parity selection bit. Added to the end of the data bits (or after the parity bit if parity is valid) and indicates the transmission is completed. The HIGH signal of one or two bits wide is output as stop bit. Table 1.14.4 Function of UART Transfer Data Bits (1) Block Diagram of UART Figure 1.14.16 shows the block diagram of UART. Figure 1.14.16 Block Diagram of UART P14 P16 P15 1/4 Clock control circuit (TE) (RE) RxD SCLK XIN TxD SP detection ST/SP/PA generation Overrun error flag(OE) 1/16 1/4 Framing error flag (FE) Parity error flag (PE) Character length selection bit (CHAS) 1/16 Serial I/O synchronous clock selection bit (SCS) Transmit interrupt source selection bit (TIC) Receive buffer full flag (RBF) Receive interrupt request (RI) Division ratio 1/(n + 1) Address 00E016 Receive buffer register Receive shift register Transmit buffer register Transmit shift register Serial I/O status register Address 00E116 Serial I/O control register Baud rate generator Transmit shift completion flag (TSC) Transmit interrupt request (TI) Transmit buffer empty flag (TBE) Serial I/O synchronous clock selection bit (SCS) BRG count source selection bit (CSS) Transmit enable bit Receive enable bit Address 00E416 Serial I/O enable bit(SIOE) Data bus Data bus Address 00E016 Address 00E216 ST detection 7 bits 8 bits UART control register Address 00E316 Character length selection bit (CHAS) |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |