Electronic Components Datasheet Search
  English  ▼

X  

7480 Datasheet(PDF) 144 Page - Renesas Technology Corp

Part # 7480
Description  8-BIT SINGLE-CHIP MICROCOMPUTER 740 FAMILY / 7470 SERIES
PDF  337 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7480 Datasheet(HTML) 144 Page - Renesas Technology Corp

Back Button 7480 Datasheet HTML 140Page - Renesas Technology Corp 7480 Datasheet HTML 141Page - Renesas Technology Corp 7480 Datasheet HTML 142Page - Renesas Technology Corp 7480 Datasheet HTML 143Page - Renesas Technology Corp 7480 Datasheet HTML 144Page - Renesas Technology Corp 7480 Datasheet HTML 145Page - Renesas Technology Corp 7480 Datasheet HTML 146Page - Renesas Technology Corp 7480 Datasheet HTML 147Page - Renesas Technology Corp 7480 Datasheet HTML 148Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 144 / 337 page
background image
7480 Group and 7481 Group User's Manual
1-127
1.14 Serial I/O
HARDWARE
Data Transfer Rate (Baud Rate)
In UART, the baud rate, which is the frequency of the synchronous clock, is calculated by the following
formulas.
• When the serial I/O synchronous clock selection bit is ‘0’:.
(BRG output/16 is selected as the synchronous clock.)
Baud rate [bps] =
Notes 1: BRG count source selection bit of the serial I/O control register is as follows:
• ‘0’: Division ratio is 4
• ‘1’: Division ratio is 16.
2: The value written to the baud rate generator (0016 to FF16).
• When the serial I/O synchronous clock selection bit is ‘1’
(the external clock/16 input is selected as the synchronous clock):
Baud rate [bps] =
Table 1.14.2 lists an example of baud rates.
Table 1.14.2 Example of Baud Rates
f(XIN) = 7.9872 MHz
f(XIN) = 3.9936 MHz
Baud Rate
[bps]
300
600
1200
2400
4800
9600
15600
31200
41600
Count Source
f(XIN)/16
f(XIN)/16
f(XIN)/16
f(XIN)/16
f(XIN)/4
f(XIN)/4
f(XIN)/4
f(XIN)/4
f(XIN)/4
BRG Setting Value
103 (6716)
51 (3316)
25 (1916)
12 (0C16)
25 (1916)
12 (0C16)
7 (0716)
3 (0316)
2 (0216)
Count Source
f(XIN)/16
f(XIN)/16
f(XIN)/16
f(XIN)/4
f(XIN)/4
BRG Setting Value
51 (3316)
25 (1916)
12 (0C16)
25 (1916)
12 (0C16)
f(XIN)
Division ratio (Note 1)
× (BRG setting value (Note 2) + 1) × 16
External clock input frequency from the SCLK pin
16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com