Electronic Components Datasheet Search
  English  ▼

X  

7480 Datasheet(PDF) 148 Page - Renesas Technology Corp

Part # 7480
Description  8-BIT SINGLE-CHIP MICROCOMPUTER 740 FAMILY / 7470 SERIES
PDF  337 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7480 Datasheet(HTML) 148 Page - Renesas Technology Corp

Back Button 7480 Datasheet HTML 144Page - Renesas Technology Corp 7480 Datasheet HTML 145Page - Renesas Technology Corp 7480 Datasheet HTML 146Page - Renesas Technology Corp 7480 Datasheet HTML 147Page - Renesas Technology Corp 7480 Datasheet HTML 148Page - Renesas Technology Corp 7480 Datasheet HTML 149Page - Renesas Technology Corp 7480 Datasheet HTML 150Page - Renesas Technology Corp 7480 Datasheet HTML 151Page - Renesas Technology Corp 7480 Datasheet HTML 152Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 148 / 337 page
background image
7480 Group and 7481 Group User's Manual
1-131
HARDWARE
Figure 1.14.17 Transmit Operation of UART
1.14 Serial I/O
Figure 1.14.18 Transmit Timing example in UART
1
0
1
b0
2
0
1
b0
6
0
b2
D7 D6 D5 D4 D3 D2 D1
b0
P15/TxD
1
4
D7 D6 D5 D4 D3 D2 D1
b0
P15/TxD
D0
5
SP
P15/TxD
0
b2
1
3
D7 D6 D5 D4 D3 D2 D1
b0
P15/TxD
D0 ST
Transmit buffer register
Address 00E016
Serial I/O status register
Address 00E116
Writing transmit data
Transmit shift register
Transferring transmit data
Transmit buffer register
Address 00E016
Synchronous clock
Transmit shift register
Transmit buffer empty flag
Synchronous clock
Transmit shift register
Synchronous clock
Transmit shift completion flag
Transmit shift completion flag
Transmit buffer empty flag
Data bus
Serial I/O status register
Address 00E116
Serial I/O status register
Address 00E116
Serial I/O status register
Address 00E116
Synchronous clock
Transmit shift register
ST
D0
D1
D2
D6
D7
Synchronous clock
TxD pin
Transmit buffer empty flag
Transmit shift completion flag
Serial I/O transmit
interrupt request bit
Transmit buffer register
write signal
(Note 2)
(Note 1)
A
A
A
SP
• Example of 1ST-8DATA-1SP
Notes 1: When the transmit interrupt source selection bit is ‘0’ (transmit buffer is emptied).
2: When the transmit interrupt source selection bit is ‘1’ (transmit shift operation is completed).
: Clearing by writing ‘0’ to the serial I/O transmit interrupt request bit or
accepting a serial I/O transmit interrupt request.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com