Electronic Components Datasheet Search
  English  ▼

X  

7480 Datasheet(PDF) 152 Page - Renesas Technology Corp

Part # 7480
Description  8-BIT SINGLE-CHIP MICROCOMPUTER 740 FAMILY / 7470 SERIES
PDF  337 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7480 Datasheet(HTML) 152 Page - Renesas Technology Corp

Back Button 7480 Datasheet HTML 148Page - Renesas Technology Corp 7480 Datasheet HTML 149Page - Renesas Technology Corp 7480 Datasheet HTML 150Page - Renesas Technology Corp 7480 Datasheet HTML 151Page - Renesas Technology Corp 7480 Datasheet HTML 152Page - Renesas Technology Corp 7480 Datasheet HTML 153Page - Renesas Technology Corp 7480 Datasheet HTML 154Page - Renesas Technology Corp 7480 Datasheet HTML 155Page - Renesas Technology Corp 7480 Datasheet HTML 156Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 152 / 337 page
background image
7480 Group and 7481 Group User's Manual
1-135
HARDWARE
Figure 1.14.22 Setting of UART (2)
1.14 Serial I/O
Interrupt control register 1 (ICON1) [Address 00FE16]
b7
b0
Serial I/O receive interrupt request bit (when receiving)
Serial I/O transmit interrupt request bit (when transmitting)
Procedure 6 Setting interrupt when serial I/O transmit/receive interrupt is used (Note 2)
Interrupt request register 1 (IREQ1) [Address 00FC16]
b7
b0
2. Serial I/O transmit/receive interrupt is enabled
1. ‘0’ is set to serial I/O transmit/receive interrupt request bit
00
Serial I/O receive interrupt enabled (when receiving)
Serial I/O transmit interrupt enabled (when transmitting)
11
Writing transmit data
Procedure 7 Start of data transmit when transmitting
Transmit buffer register (TB) [Address 00E016]
Character length selection
0: 8 bits
1: 7 bits
Parity enable selection
0: Parity disabled
1: Parity enabled
Procedure 5 Setting UART control register
UART control register (UARTCON) [Address 00E316]
b7
b0
Parity selection (valid only when parity enabled)
0: Even parity
1: Odd parity
Stop bit length selection
0: 1 stop bit
1: 2 stop bits
Notes 2: Refer to Using Serial I/O Transmit Interrupt and Serial I/O Receive Interrupt
in (5) Notes on Usage of UART.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com