Electronic Components Datasheet Search
  English  ▼

X  

7480 Datasheet(PDF) 156 Page - Renesas Technology Corp

Part # 7480
Description  8-BIT SINGLE-CHIP MICROCOMPUTER 740 FAMILY / 7470 SERIES
PDF  337 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7480 Datasheet(HTML) 156 Page - Renesas Technology Corp

Back Button 7480 Datasheet HTML 152Page - Renesas Technology Corp 7480 Datasheet HTML 153Page - Renesas Technology Corp 7480 Datasheet HTML 154Page - Renesas Technology Corp 7480 Datasheet HTML 155Page - Renesas Technology Corp 7480 Datasheet HTML 156Page - Renesas Technology Corp 7480 Datasheet HTML 157Page - Renesas Technology Corp 7480 Datasheet HTML 158Page - Renesas Technology Corp 7480 Datasheet HTML 159Page - Renesas Technology Corp 7480 Datasheet HTML 160Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 156 / 337 page
background image
7480 Group and 7481 Group User's Manual
1-139
HARDWARE
(2)
Operations of Bus Arbitration
Operations of bus arbitration in the serial I/O communications are described below.
Bus Collision Detection
The level of serial I/O transmit pin TxD is compared with that of serial I/O receive pin RxD, synchronized
with rising edges of the synchronous clock which is used in serial I/O communications.
• The level of 8-bit transmit data is referred for comparison in clock synchronous serial I/O.
• The levels of all transmitted bits, from the start to the stop bits, are referred for comparison in
UART.
Bus Arbitration Interrupt
When a mismatch results from the comparison of the level of the TxD pin with that of the RxD pin
in bus collision detection, the bus arbitration interrupt request bit of interrupt request register 1 is set
to ‘1’; then the interrupt request is generated.
Figure 1.14.25 shows a timing of bus collision detection.
Figure 1.14.25 Timing of Bus Collision Detection
1.14 Serial I/O
Synchronous clock
TxD pin
RxD pin
Bus arbitration interrupt
request bit
Bus arbitration
A
A : Clearing by writing ‘0’ to the bus arbitration interrupt request bit or
accepting a bus arbitration interrupt request.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com