Electronic Components Datasheet Search
  English  ▼

X  

7480 Datasheet(PDF) 153 Page - Renesas Technology Corp

Part # 7480
Description  8-BIT SINGLE-CHIP MICROCOMPUTER 740 FAMILY / 7470 SERIES
PDF  337 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7480 Datasheet(HTML) 153 Page - Renesas Technology Corp

Back Button 7480 Datasheet HTML 149Page - Renesas Technology Corp 7480 Datasheet HTML 150Page - Renesas Technology Corp 7480 Datasheet HTML 151Page - Renesas Technology Corp 7480 Datasheet HTML 152Page - Renesas Technology Corp 7480 Datasheet HTML 153Page - Renesas Technology Corp 7480 Datasheet HTML 154Page - Renesas Technology Corp 7480 Datasheet HTML 155Page - Renesas Technology Corp 7480 Datasheet HTML 156Page - Renesas Technology Corp 7480 Datasheet HTML 157Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 153 / 337 page
background image
7480 Group and 7481 Group User's Manual
1-136
HARDWARE
(5)
Notes on Usage of UART
Pay attention to the following notes when UART is selected.
Selecting BRG output/16 as Synchronous Clock
Since the SCLK pin is not used to output the synchronous clock to the external, the P16/SCLK pin can
be used as normal port pin P16.
Selecting External Clock/16 Input as Synchronous Clock
Keep the HIGH- and the LOW- width (TWH and TWL) of the pulses used as the external clock source
TWH, TWL [s]
≥ (2/f(XIN) [Hz]). For example, use a frequency of 2 MHz or less (50% duty cycle) as
the external clock source when f(XIN) = 8 MHz.
Handling Recovering from Errors Generated
Handling when parity error or framing error is generated
When the parity error or the framing error occurs, the flag corresponding to each error and the
summing error flag of the serial I/O status register are set to ‘1’. To clear these flags to ‘0’, perform
either of the following operations.
• Clear the receive enable bit of the serial I/O control register to ‘0’.
• Write dummy data to the serial I/O status register.
Handling when overrun error is generated
If the next data is stored completely in the receive shift register before the data transferred from
the receive shift register to the receive buffer register is read through, the overrun error is generated.
At this time, the overrun error flag and the summing error flag of the serial I/O status register are
set to ‘1’. The contents of the receive shift register are not transferred to the receive buffer
register, so that the contents of the receive buffer register remain unaffected. As a result, if the
contents of the receive buffer register are read, the data of the receive shift register is not transferred
to the receive buffer register and becomes invalid.
When the overrun error occurs, clear the overrun error flag to ‘0’ by any of the following operations
and perform receive preparation again.
• Clear the serial I/O enable bit of the serial I/O control register to ‘0’. (In this case, only the
overrun error flag returns to ‘0’.)
• Clear the receive enable bit of the serial I/O control register to ‘0’.
• Write dummy data into the serial I/O status register.
Referring to Transmit Shift Completion Flag
The transmit shift completion flag changes from ‘1’ to ‘0’ with a delay of 0.5 to 1.5 clocks of the
synchronous clock. Therefore, pay attention to this delay when data transmission is controlled, by
referring to the transmit shift completion flag after the transmit data is written to the transmit buffer
register.
1.14 Serial I/O



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com