Electronic Components Datasheet Search
  English  ▼

X  

7480 Datasheet(PDF) 145 Page - Renesas Technology Corp

Part # 7480
Description  8-BIT SINGLE-CHIP MICROCOMPUTER 740 FAMILY / 7470 SERIES
PDF  337 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7480 Datasheet(HTML) 145 Page - Renesas Technology Corp

Back Button 7480 Datasheet HTML 141Page - Renesas Technology Corp 7480 Datasheet HTML 142Page - Renesas Technology Corp 7480 Datasheet HTML 143Page - Renesas Technology Corp 7480 Datasheet HTML 144Page - Renesas Technology Corp 7480 Datasheet HTML 145Page - Renesas Technology Corp 7480 Datasheet HTML 146Page - Renesas Technology Corp 7480 Datasheet HTML 147Page - Renesas Technology Corp 7480 Datasheet HTML 148Page - Renesas Technology Corp 7480 Datasheet HTML 149Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 145 / 337 page
background image
7480 Group and 7481 Group User's Manual
1-128
1.14 Serial I/O
HARDWARE
Data Transfer Formats
In UART, the data transfer formats shown in Figure 1.14.15 can be selected with the UART control register.
Figure 1.14.15 Data Transfer Formats in UART
Table 1.14.3 lists the setting of the UART control register, and Table 1.14.4 lists the function of the UART
data transfer bits.
Table 1.14.3 Setting of UART Control Register
Transfer Data Format
1ST—8DATA—1SP
1ST—7DATA—1SP
1ST—8DATA—1PA—1SP
1ST—7DATA—1PA—1SP
1ST—8DATA—2SP
1ST—7DATA—2SP
1ST—8DATA—1PA—2SP
1ST—7DATA—1PA—2SP
UART Control Register
b3 (Note 1)
0
0
0
0
1
1
1
1
b2 (Note 2)
—
0: Even parity
1: Odd parity
—
0: Even parity
1: Odd parity
b1 (Note 3)
0
0
1
1
0
0
1
1
b0 (Note 4)
0
1
0
1
0
1
0
1
Notes 1: Stop bit length selection bit
2: Parity selection bit
3: Parity enable bit
4: Character length selection bit
D0
D1
D2
D3
D4
D5
D6
D7
• 1ST – 8DATA – 1SP
LSB
MSB
ST
SP
D0
D1
D2
D3
D4
D5
D6
D7
• 1ST – 8DATA – 2SP
LSB
MSB
ST
SP
SP
D0
D1
D2
D3
D4
D5
D6
D7
• 1ST – 8DATA – 1PA – 1SP
LSB
MSB
ST
SP
D0
D1
D2
D3
D4
D5
D6
D7
• 1ST – 8DATA – 1PA – 2SP
LSB
MSB
ST
SP
SP
PA
PA
D0
D1
D2
D3
D4
D5
D6
• 1ST – 7DATA – 1SP
LSB
MSB
ST
SP
D0
D1
D2
D3
D4
D5
D6
• 1ST – 7DATA – 2SP
LSB
MSB
ST
SP
SP
D0
D1
D2
D3
D4
D5
D6
• 1ST – 7DATA – 1PA – 1SP
LSB
MSB
ST
SP
D0
D1
D2
D3
D4
D5
D6
• 1ST – 7DATA – 1PA – 2SP
LSB
MSB
ST
SP
SP
PA
PA
ST:
Di(i = 0 to 7):
PA:
SP:
Start bit
Data bit
Parity bit
Stop bit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com