Electronic Components Datasheet Search
  English  ▼

X  

7480 Datasheet(PDF) 143 Page - Renesas Technology Corp

Part # 7480
Description  8-BIT SINGLE-CHIP MICROCOMPUTER 740 FAMILY / 7470 SERIES
PDF  337 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7480 Datasheet(HTML) 143 Page - Renesas Technology Corp

Back Button 7480 Datasheet HTML 139Page - Renesas Technology Corp 7480 Datasheet HTML 140Page - Renesas Technology Corp 7480 Datasheet HTML 141Page - Renesas Technology Corp 7480 Datasheet HTML 142Page - Renesas Technology Corp 7480 Datasheet HTML 143Page - Renesas Technology Corp 7480 Datasheet HTML 144Page - Renesas Technology Corp 7480 Datasheet HTML 145Page - Renesas Technology Corp 7480 Datasheet HTML 146Page - Renesas Technology Corp 7480 Datasheet HTML 147Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 143 / 337 page
background image
7480 Group and 7481 Group User's Manual
1-126
1.14 Serial I/O
HARDWARE
1.14.3 Clock Asynchronous Serial I/O (UART)
In clock asynchronous serial I/O (UART), the transmit operation of the transmitter and the receive operation
of the receiver are performed simultaneously, synchronizing with the synchronous clock used for transferring,
which is generated by the clock control circuit.
In UART, the transmitter and the receiver have the same transmit/receive baud rate and the same data
transfer format.
UART is selected by clearing the serial I/O mode selection bit of the serial I/O control register to ‘0’.
Data Communication
• Half-duplex communication: one of the two communicating microcomputers operates only as a transmitter
and the other only as a receiver at a time or vice versa.
• Full-duplex communication: both of the two communicating microcomputers operate simultaneously as
transmitter and receiver.
Synchronous Clock
A synchronous clock is selected by the serial I/O synchronous clock selection bit of the serial I/O control
register as follows:
• 0: BRG output /16
• 1: External clock/16 input to the SCLK pin
For the BRG output, refer to (5) Baud Rate Generator in Section 1.14.1.
Notes 1: In UART, the P16/SCLK pin can be used as port pin P16 when the BRG output/16 is selected as
the synchronous clock, since the SCLK pin is not used to output the synchronous clock to the
external.
2: When the external clock/16 is selected as a synchronous clock, keep the HIGH- and the LOW-
width (TWH and TWL) of the pulses used as the external clock source TWH, TWL [s]
≥ (2/f(XIN)
[Hz]). For example, use a frequency of 2 MHz or less (50% duty cycle) as the external clock
source when f(XIN) = 8 MHz.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com