Electronic Components Datasheet Search
  English  ▼

X  

7480 Datasheet(PDF) 142 Page - Renesas Technology Corp

Part # 7480
Description  8-BIT SINGLE-CHIP MICROCOMPUTER 740 FAMILY / 7470 SERIES
PDF  337 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7480 Datasheet(HTML) 142 Page - Renesas Technology Corp

Back Button 7480 Datasheet HTML 138Page - Renesas Technology Corp 7480 Datasheet HTML 139Page - Renesas Technology Corp 7480 Datasheet HTML 140Page - Renesas Technology Corp 7480 Datasheet HTML 141Page - Renesas Technology Corp 7480 Datasheet HTML 142Page - Renesas Technology Corp 7480 Datasheet HTML 143Page - Renesas Technology Corp 7480 Datasheet HTML 144Page - Renesas Technology Corp 7480 Datasheet HTML 145Page - Renesas Technology Corp 7480 Datasheet HTML 146Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 142 / 337 page
background image
7480 Group and 7481 Group User's Manual
1-125
1.14 Serial I/O
HARDWARE
Using Serial I/O Transmit Interrupt and Serial I/O Receive Interrupt
Set the associated registers in the following sequence to use serial I/O transmit interrupt.
Œ Clear the serial I/O transmit interrupt enable bit of interrupt control register 1 to ‘0’.
 Set the serial I/O control register.
Ž Execute one or more instructions such as NOP.
 Clear the serial I/O transmit interrupt request bit of interrupt request register 1 to ‘0’.
 Set the serial I/O transmit interrupt enable bit of interrupt control register 1 to ‘1’.
REASONS 1: If normal port pins are switched to serial I/O pins with the serial I/O control register,
the serial I/O transmit interrupt request bit may become ‘1’.
2: If the transmit enable bit of the serial I/O control register is set to ‘1’, the transmit
buffer empty flag and the transmit shift completion flag are ‘1’. As a result, the serial
I/O transmit interrupt request bit becomes ‘1’ regardless of the state of the transmit
interrupt source selection bit of the serial I/O control register, and the interrupt
request is generated.
Set the associated registers in the following sequence to use serial I/O receive interrupt.
Œ Clear the serial I/O receive interrupt enable bit of interrupt control register 1 to ‘0’.
 Set the serial I/O control register.
Ž Execute one or more instructions, such as NOP.
 Clear the serial I/O receive interrupt request bit of interrupt request register 1 to ‘0’.
 Set the serial I/O receive interrupt enable bit of interrupt control register 1 to ‘1’.
REASON: If normal port pins are switched to serial I/O pins with the serial I/O control register, the
serial I/O receive interrupt request bit may become ‘1’.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com