| Electronic Components Datasheet Search |
|
7480 Datasheet(PDF) 138 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
7480 Datasheet(HTML) 138 Page - Renesas Technology Corp |
|
138 / 337 page ![]() 7480 Group and 7481 Group User's Manual 1-121 1.14 Serial I/O HARDWARE (4) Setting of Clock Synchronous Serial I/O Figures 1.14.13 and 1.14.14 show the setting of clock synchronous serial I/O. Figure 1.14.13 Setting of Clock Synchronous Serial I/O (1) Serial I/O receive interrupt disabled Serial I/O transmit interrupt disabled Procedure 2 Disabling serial I/O transmit/receive interrupt Interrupt control register 1 (ICON1) [Address 00FE16] b7 b0 00 Transmit operation stop and initialized Receive operation stop and initialized Procedure 1 Stop and initialization of serial I/O operation Serial I/O control register (SIOCON) [Address 00E216] b7 b0 00 BRG count source selection (valid only when BRG output/4 is selected as synchronous clock) 0: f(XIN)/4 1: f(XIN)/16 b7 b0 11 Notes 1: When the following conditions are satisfied, set the transmit enable bit in addition to the receive enable bit and SRDY output enable bit to ‘1’. • Half-duplex communication is performed • External clock is selected as synchronous clock for receive side • SRDY output is performed. 2: Keep SCLK pin input HIGH when writing transmit enable bit to ‘1’ to select the external clock input as the synchronous clock. Baud rate value is set Procedure 3 Setting baud rate generator when BRG output/4 is selected as synchronous clock Baud rate generator (BRG) [Address 00E416] Procedure 4 Setting serial I/O control register Serial I/O control register (SIOCON) [Address 00E216] Serial I/O synchronous clock selection 0: BRG output/ 4 1: External clock input SRDY output enable selection 0: P17/SRDY pin is operated as normal I/O pin 1: P17/SRDY pin is operated as SRDY pin (Note 1) Transmit interrupt source selection (valid only when transmitting) 0: when transmit buffer is empty 1: when transmit shift operation is completed Transmit enable selection 0: transmit disabled 1: transmit enabled (Note 2) Receive enable selection 0: receive disabled 1: receive enabled Clock synchronous serial I/O selected Serial I/O enabled (P14–P17 are operated as serial I/O pin) |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |