Electronic Components Datasheet Search
  English  ▼

X  

7480 Datasheet(PDF) 137 Page - Renesas Technology Corp

Part # 7480
Description  8-BIT SINGLE-CHIP MICROCOMPUTER 740 FAMILY / 7470 SERIES
PDF  337 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7480 Datasheet(HTML) 137 Page - Renesas Technology Corp

Back Button 7480 Datasheet HTML 133Page - Renesas Technology Corp 7480 Datasheet HTML 134Page - Renesas Technology Corp 7480 Datasheet HTML 135Page - Renesas Technology Corp 7480 Datasheet HTML 136Page - Renesas Technology Corp 7480 Datasheet HTML 137Page - Renesas Technology Corp 7480 Datasheet HTML 138Page - Renesas Technology Corp 7480 Datasheet HTML 139Page - Renesas Technology Corp 7480 Datasheet HTML 140Page - Renesas Technology Corp 7480 Datasheet HTML 141Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 137 / 337 page
background image
7480 Group and 7481 Group User's Manual
1-120
1.14 Serial I/O
HARDWARE
Figure 1.14.11 Receive Operation of Clock Synchronous Serial I/O
Figure 1.14.12 Receive Timing of Clock Synchronous Serial I/O
Transferring receive data
3
0
b1
1
1
D0
b0
P14/RxD
2
D3 D2
D0
P14/RxD
D1
D7 D6 D5 D4 D3 D2
D0
Receive shift register
D1
b0
Receive buffer full flag
Address 00E016
Serial I/O status register
Address 00E116
Synchronous clock
Receive shift register
Synchronous clock
Receive shift register
Synchronous clock
Receive buffer register
A
A
Reading to receive shift register
D0
D1
D2
D3
D4
D5
D6
D7
Synchronous clock
RxD pin
Receive buffer read signal
Receive buffer full flag
Serial I/O receive interrupt
request bit
Transmit buffer register
write signal
SRDY pin
: Clearing by writing ‘0’ to the serial I/O receive interrupt request bit or
accepting a serial I/O receive interrupt request.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com