Electronic Components Datasheet Search
  English  ▼

X  

7480 Datasheet(PDF) 135 Page - Renesas Technology Corp

Part # 7480
Description  8-BIT SINGLE-CHIP MICROCOMPUTER 740 FAMILY / 7470 SERIES
PDF  337 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7480 Datasheet(HTML) 135 Page - Renesas Technology Corp

Back Button 7480 Datasheet HTML 131Page - Renesas Technology Corp 7480 Datasheet HTML 132Page - Renesas Technology Corp 7480 Datasheet HTML 133Page - Renesas Technology Corp 7480 Datasheet HTML 134Page - Renesas Technology Corp 7480 Datasheet HTML 135Page - Renesas Technology Corp 7480 Datasheet HTML 136Page - Renesas Technology Corp 7480 Datasheet HTML 137Page - Renesas Technology Corp 7480 Datasheet HTML 138Page - Renesas Technology Corp 7480 Datasheet HTML 139Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 135 / 337 page
background image
7480 Group and 7481 Group User's Manual
1-118
1.14 Serial I/O
HARDWARE
Figure 1.14.10 Transmit Timing of Clock Synchronous Serial I/O
Figure 1.14.9 Transmit Operation of Clock Synchronous Serial I/O
1
Transmit buffer register
Address 00E016
Serial I/O status register
Address 00E116
Writing transmit data
0
1
b0
2
0
1
b0
Transmit shift register
Transferring transmit data
Transmit buffer register
Address 00E016
0
b2
D7 D6 D5 D4 D3 D2 D1
Synchronous clock
b0
P15/TxD
Transmit shift register
1
Transmit buffer empty flag
4
D7 D6 D5 D4 D3 D2 D1
Synchronous clock
b0
P15/TxD
Transmit shift register
D0
5
Synchronous clock
P15/TxD
0
b2
Transmit shift completion flag
1
Transmit shift completion flag
Transmit buffer empty flag
3
D7
b0
Transmit shift register
Data bus
Serial I/O status register
Address 00E116
Serial I/O status register
Address 00E116
Serial I/O status register
Address 00E116
D0
D1
D2
D3
D4
D5
D6
D7
Synchronous clock
TxD pin
Transmit buffer empty flag
Transmit shift completion flag
Serial I/O transmit
interrupt request bit
(Note 1)
A
A
Transmit buffer register
write signal
SRDY pin
Clearing by writing ‘0’ to the serial I/O transmit interrupt request bit or
accepting a serial I/O transmit interrupt request.
A :
Notes 1: When the transmit interrupt source selection bit is ‘0’ (transmit buffer is emptied).
2: When the transmit interrupt source selection bit is ‘1’ (transmit shift operation is completed).
(Note 2)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com