Electronic Components Datasheet Search
  English  ▼

X  

7480 Datasheet(PDF) 132 Page - Renesas Technology Corp

Part # 7480
Description  8-BIT SINGLE-CHIP MICROCOMPUTER 740 FAMILY / 7470 SERIES
PDF  337 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7480 Datasheet(HTML) 132 Page - Renesas Technology Corp

Back Button 7480 Datasheet HTML 128Page - Renesas Technology Corp 7480 Datasheet HTML 129Page - Renesas Technology Corp 7480 Datasheet HTML 130Page - Renesas Technology Corp 7480 Datasheet HTML 131Page - Renesas Technology Corp 7480 Datasheet HTML 132Page - Renesas Technology Corp 7480 Datasheet HTML 133Page - Renesas Technology Corp 7480 Datasheet HTML 134Page - Renesas Technology Corp 7480 Datasheet HTML 135Page - Renesas Technology Corp 7480 Datasheet HTML 136Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 132 / 337 page
background image
7480 Group and 7481 Group User's Manual
1-115
1.14 Serial I/O
HARDWARE
Data Transfer Rate (Baud Rate)
In clock synchronous serial I/O, the data transfer rate (baud rate), which is the frequency of the synchronous
clock, is calculated by the following formulas:
• When the serial I/O synchronous clock selection bit is ‘0’.
(BRG output/4 is selected as the synchronous clock)
Baud rate [bps] =
Notes 1: BRG count source selection bit of the serial I/O control register is as follows:
• ‘0’: Division ratio is 4
• ‘1’: Division ratio is 16.
2: The value written to the baud rate generator (0016 to FF16).
• When the serial I/O synchronous clock selection bit is ‘1’
(an external clock input is selected as the synchronous clock):
Baud rate [bps] = the external clock input frequency from the SCLK pin
Output of SRDY Signal
In clock synchronous serial I/O, the output level of the SRDY pin changes from HIGH to LOW by writing
to the transmit buffer register when the SRDY output enable bit of serial I/O control register is ‘1’. The
completion of the serial I/O communication preparation is signaled to the external by the SRDY output. Also,
the SRDY pin returns to the HIGH state at the first falling edge of the synchronous clock.
Note: Set the transmit enable bit to ‘1’ as well as the receive enable bit and the SRDY output enable bit
of the serial I/O control register when the receiver outputs the SRDY signal while the external clock
is selected as the synchronous clock.
Starting of Transmission and Reception
• When the BRG output/4 is selected as the synchronous clock:
Transmitting and receiving starts when a write to the transmit buffer register occurs.
Normally, communication is started after the completion of communication preparation of the target unit
is recognized with the SRDY signal.
• When the external clock is selected as the synchronous clock:
Transmitting and receiving starts when input to the external clock starts.
When data is written to the transmit buffer register, the output level of the SRDY pin changes from HIGH
to LOW and informs the target unit of the completion of communication preparation.
f(XIN)
Division ratio (Note 1)
× (BRG setting value (Note 2) + 1) × 4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com