Electronic Components Datasheet Search
  English  ▼

X  

7480 Datasheet(PDF) 130 Page - Renesas Technology Corp

Part # 7480
Description  8-BIT SINGLE-CHIP MICROCOMPUTER 740 FAMILY / 7470 SERIES
PDF  337 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7480 Datasheet(HTML) 130 Page - Renesas Technology Corp

Back Button 7480 Datasheet HTML 126Page - Renesas Technology Corp 7480 Datasheet HTML 127Page - Renesas Technology Corp 7480 Datasheet HTML 128Page - Renesas Technology Corp 7480 Datasheet HTML 129Page - Renesas Technology Corp 7480 Datasheet HTML 130Page - Renesas Technology Corp 7480 Datasheet HTML 131Page - Renesas Technology Corp 7480 Datasheet HTML 132Page - Renesas Technology Corp 7480 Datasheet HTML 133Page - Renesas Technology Corp 7480 Datasheet HTML 134Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 130 / 337 page
background image
7480 Group and 7481 Group User's Manual
1-113
1.14 Serial I/O
HARDWARE
(5)
Baud Rate Generator (BRG)
The baud rate generator is an 8-bit counter with an auto-reload register, used only for serial I/O.
When the serial I/O synchronous clock selection bit of the serial I/O control register is ‘0’, setting
value ‘n’ (any number of 0016 to FF16) to the baud rate generator outputs a signal of the BRG count
source (Note 1) divided by ‘n + 1’ as the BRG output (Note 2) .
Notes 1: • f(XIN)/4: when the BRG count source selection bit of the serial I/O control register is ‘0’.
• f(XIN)/16: when the BRG count source selection bit is ‘1’.
2: • BRG output/4 is used for the synchronous clock in clock synchronous serial I/O.
• BRG output/16 is used for the synchronous clock in clock asynchronous serial I/O.
Figure 1.14.6 shows the baud rate generator.
Figure 1.14.6 Baud Rate Generator
(6)
Bus Collision Detection Control Register
This register consists of the bits controlling the valid/invalid of the bus collision detection.
Figure 1.14.7 shows the bus collision detection control register.
Figure 1.14.7 Bus Collision Detection Control Register
Baud rate generator
b5
b6
b7
b4 b3 b2 b1 b0
b
Function
At reset
1
2
3
4
5
6
7
0
Undefined
Baud rate generator (BRG) [Address 00E416]
• 8-bit timer for baud rate generation of serial I/O.
• Valid only when BRG output divided by 4 or 16 is selected
as synchronous clock.
Undefined
Undefined
Undefined
Undefined
Undefined
Undefined
Undefined
RW
O
O
O
O
O
O
O
O
O
O
O
O
O
O
O
O
Bus collision detection control register
b5
b6
b7
b4 b3 b2 b1 b0
b
Name
Function
At reset
1
2
3
4
5
6
7
0
0
0
0
0
0
0
0
0
Bus collision detection control register (BUSARBCON) [Address 00E516]
Bus collision detection enable bit
0 : Collision detection invalid
1 : Collision detection valid
Not implemented.
Writing to these bits is disabled.
These bits are ‘0’ at reading.
00 000 00
RW
O
0
0
0
0
0
0
0
O
×
×
×
×
×
×
×



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com