Electronic Components Datasheet Search
  English  ▼

X  

7480 Datasheet(PDF) 126 Page - Renesas Technology Corp

Part # 7480
Description  8-BIT SINGLE-CHIP MICROCOMPUTER 740 FAMILY / 7470 SERIES
PDF  337 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7480 Datasheet(HTML) 126 Page - Renesas Technology Corp

Back Button 7480 Datasheet HTML 122Page - Renesas Technology Corp 7480 Datasheet HTML 123Page - Renesas Technology Corp 7480 Datasheet HTML 124Page - Renesas Technology Corp 7480 Datasheet HTML 125Page - Renesas Technology Corp 7480 Datasheet HTML 126Page - Renesas Technology Corp 7480 Datasheet HTML 127Page - Renesas Technology Corp 7480 Datasheet HTML 128Page - Renesas Technology Corp 7480 Datasheet HTML 129Page - Renesas Technology Corp 7480 Datasheet HTML 130Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 126 / 337 page
background image
7480 Group and 7481 Group User's Manual
1-109
1.14 Serial I/O
HARDWARE
(2)
Serial I/O Status Register
This register consists of the flags that indicate the serial I/O transmit/receive status.
Figure 1.14.3 shows the serial I/O status register.
Figure 1.14.3 Serial I/O Status Register
Each flag of the serial I/O status register is described below.
Transmit Buffer Empty Flag (TBE: bit 0)
This flag indicates the status of the transmit buffer register.
• When the data written to the transmit buffer register is transferred to the transmit shift register, this
flag is set to ‘1’.
• When transmit data is written to the transmit buffer register, this flag is cleared to ‘0’.
This flag is valid in both clock synchronous serial I/O and UART.
Receive Buffer Full Flag (RBF: bit 1)
This flag indicates the status of the receive buffer register.
• When receive data is stored completely in the receive shift register and transferred to the receive
buffer register, this flag is set to ‘1’.
• When the transferred data is read from the receive buffer register, this flag is cleared to ‘0’.
This flag is valid in both clock synchronous serial I/O and UART.
Transmit Shift Completion Flag (TSC: bit 2)
This flag indicates the status of the transmit shift operation.
• When the data in the transmit buffer register is transferred to the transmit shift register, and shift
operation is started by the synchronous clock (the start bit of the transmit data is transmitted), this
flag is cleared to ‘0’.
• When the shift operation is completed (the transmission of the last bit of the transmit data is
completed), this flag is set to ‘1’.
This flag is valid in both clock synchronous serial I/O and UART.
Serial I/O status register
b5
b6
b7
b4 b3 b2 b1 b0
b
Name
Function
At reset
1
2
3
4
5
6
7
00
0
0
0
0
0
0
1
Serial I/O status register (SIOSTS) [Address 00E116]
Transmit buffer empty flag
(TBE)
Receive buffer full flag
(RBF)
Transmit shift completion
flag (TSC)
Overrun error flag
(OE)
Parity error flag
(PE)
Framing error flag
(FE)
Summing error flag
(SE)
0 : Buffer full
1 : Buffer empty
0 : Buffer empty
1 : Buffer full
0 : Transmit shift in progress
1 : Transmit shift completed
0 : No error
1 : Overrun error
0 : No error
1 : Parity error
0 : No error
1 : Framing error
0 : OE U PE U FE=0
1 : OE U PE U FE=1
This bit is fixed to ‘1’.
1
Note: b4 and b5 are valid only in UART
RW
O
O
O
O
O
O
O
1
×
×
×
×
×
×
×
×



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com