Electronic Components Datasheet Search
  English  ▼

X  

7480 Datasheet(PDF) 124 Page - Renesas Technology Corp

Part # 7480
Description  8-BIT SINGLE-CHIP MICROCOMPUTER 740 FAMILY / 7470 SERIES
PDF  337 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7480 Datasheet(HTML) 124 Page - Renesas Technology Corp

Back Button 7480 Datasheet HTML 120Page - Renesas Technology Corp 7480 Datasheet HTML 121Page - Renesas Technology Corp 7480 Datasheet HTML 122Page - Renesas Technology Corp 7480 Datasheet HTML 123Page - Renesas Technology Corp 7480 Datasheet HTML 124Page - Renesas Technology Corp 7480 Datasheet HTML 125Page - Renesas Technology Corp 7480 Datasheet HTML 126Page - Renesas Technology Corp 7480 Datasheet HTML 127Page - Renesas Technology Corp 7480 Datasheet HTML 128Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 124 / 337 page
background image
7480 Group and 7481 Group User's Manual
1-107
1.14 Serial I/O
HARDWARE
1.14 Serial I/O
Serial I/O transmits or receives 8-bit data serially, between two microcomputers.
The serial I/O of the 7480 Group and 7481 Group can operate with a transmission format of either synchronous
or asynchronous (UART) type.
If data is not sent on the transmission line because of collision. The microcomputer informs external the
collision in the contention bus system communications by generating a bus arbitration interrupt request.
1.14.1 Registers Associated with Serial I/O
Figure 1.14.1 shows the memory map of the registers associated with serial I/O.
Figure 1.14.1 Memory Map of Registers Associated with Serial I/O
00E016
00E116
00E216
00E316
00E416
00E516
Transmit/receive buffer register (TB/RB)
Serial I/O status register (SIOSTS)
Serial I/O control register (SIOCON)
UART control register (UARTCON)
Baud rate generator (BRG)
Bus collision detection control register (BUSARBCON)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com