Electronic Components Datasheet Search
  English  ▼

X  

7480 Datasheet(PDF) 127 Page - Renesas Technology Corp

Part # 7480
Description  8-BIT SINGLE-CHIP MICROCOMPUTER 740 FAMILY / 7470 SERIES
PDF  337 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7480 Datasheet(HTML) 127 Page - Renesas Technology Corp

Back Button 7480 Datasheet HTML 123Page - Renesas Technology Corp 7480 Datasheet HTML 124Page - Renesas Technology Corp 7480 Datasheet HTML 125Page - Renesas Technology Corp 7480 Datasheet HTML 126Page - Renesas Technology Corp 7480 Datasheet HTML 127Page - Renesas Technology Corp 7480 Datasheet HTML 128Page - Renesas Technology Corp 7480 Datasheet HTML 129Page - Renesas Technology Corp 7480 Datasheet HTML 130Page - Renesas Technology Corp 7480 Datasheet HTML 131Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 127 / 337 page
background image
7480 Group and 7481 Group User's Manual
1-110
1.14 Serial I/O
HARDWARE
Overrun Error Flag (OE: bit 3)
This flag indicates the status of reading receive data.
• When the next receive data is stored completely in the receive shift register before the receive data
stored in the receive buffer register is read through, this flag is set to ‘1’.
• This flag is cleared to ‘0’ by any operations listed in Table 1.14.1.
This flag is valid in both clock synchronous serial I/O and UART.
Parity Error Flag (PE: bit 4)
This flag indicates the result of checking even or odd parity by hardware in UART.
• This flag is set to ‘1’ when the parity of the receive data differs from the predetermined parity.
• This flag is cleared to ‘0’ by any operation listed in Table 1.14.1.
This flag is valid only at parity enable in UART.
Framing Error Flag (FE: bit 5)
This flag indicates faults of frame synchronization in UART.
• When the stop bit of receive data is not received at the specified timing, this flag is set to ‘1’. Only
the first stop bit is tested and the second stop bit is not tested.
• This flag is cleared to ‘0’ by any operation listed in Table 1.14.1.
This flag is valid only in UART.
Summing Error Flag (SE: bit 6)
This flag indicates faults of serial I/O.
• When the overrun error, parity error or framing error occurs, this flag is set to ‘1’.
• This flag is cleared to ‘0’ by any operation listed in Table 1.14.1.
This flag is valid in both clock synchronous serial I/O and UART.
[Clearing Error Flag]
Error flags (bits 3 to 6) of the serial I/O status register are cleared to ‘0’ by any operation listed in
Table 1.14.1.
Table 1.14.1 Clearing Error Flags
Error Flag
Overrun Error Flag
Parity Error Flag
Framing Error Flag
Summing Error Flag
Dummy Data is Written to
Serial I/O Status Register
O
O
O
O
Set Serial I/O Enable Bit
to ‘0’
O
×
×
×
Set Receive Enable Bit
to ‘0’
O
O
O
O
Clearing Method



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com