Electronic Components Datasheet Search
  English  ▼

X  

7480 Datasheet(PDF) 131 Page - Renesas Technology Corp

Part # 7480
Description  8-BIT SINGLE-CHIP MICROCOMPUTER 740 FAMILY / 7470 SERIES
PDF  337 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7480 Datasheet(HTML) 131 Page - Renesas Technology Corp

Back Button 7480 Datasheet HTML 127Page - Renesas Technology Corp 7480 Datasheet HTML 128Page - Renesas Technology Corp 7480 Datasheet HTML 129Page - Renesas Technology Corp 7480 Datasheet HTML 130Page - Renesas Technology Corp 7480 Datasheet HTML 131Page - Renesas Technology Corp 7480 Datasheet HTML 132Page - Renesas Technology Corp 7480 Datasheet HTML 133Page - Renesas Technology Corp 7480 Datasheet HTML 134Page - Renesas Technology Corp 7480 Datasheet HTML 135Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 131 / 337 page
background image
7480 Group and 7481 Group User's Manual
1-114
1.14 Serial I/O
HARDWARE
1.14.2 Clock Synchronous Serial I/O
In clock synchronous serial I/O, the transmit operation of the transmitter (Note 1) and the receive operation
of the receiver (Note 2) are performed simultaneously, synchronizing with the synchronous clock used for
transferring, which is generated by the clock control circuit.
Notes 1: Synchronized with falling edges of the synchronous clock, data is transmitted from the TxD pin
of the transmitter by the bit.
2: Synchronized with rising edges of the synchronous clock, data is received from the RxD pin of
the receiver by the bit.
Clock synchronous serial I/O is selected by setting the serial I/O mode selection bit of the serial I/O control
register to ‘1’.
Data Communication
• Half-duplex communication: one of the two communicating microcomputers operates only as a transmitter
and the other only as a receiver at a time or vice versa.
• Full-duplex communication: both of the two communicating microcomputers operate simultaneously as
transmitter and receiver.
Synchronous Clock
A synchronous clock is selected by the serial I/O synchronous clock selection bit of the serial I/O control
register as follows:
• 0: BRG output/4
• 1: External clock input to the SCLK pin
For the BRG output, refer to (5) Baud Rate Generator (BRG) in Section 1.14.1.
When a clock synchronous serial I/O communication is carried out between two microcomputers, the
synchronous clock is normally selected as follows:
• Microcomputer 1 clears the serial I/O synchronous clock selection bit to ‘0’, and 8 synchronous clock
pulses, generated by writing to the transmit buffer register, are output from the SCLK pin.
• Microcomputer 2 selects the external clock and inputs the pulses outputted from microcomputer 1 to the
SCLK pin. This is the synchronous clock.
Note: When an external clock is selected as the synchronous clock:
Perform the following operations while the SCLK pin input is HIGH during data transmission:
• Write ‘1’ to the transmit enable bit
• Write transmit data to the transmit buffer register
The shift operations of the transmit shift register and the receive shift register are performed while
the synchronous clock is being input to the serial I/O circuit. Stop the synchronous clock with 8
cycles when an external clock is selected as the synchronous clock. The synchronous clock automatically
stops after 8 synchronous clock pulses generated when the BRG output/4 is selected as the synchronous
clock.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com