Electronic Components Datasheet Search
  English  ▼

X  

7480 Datasheet(PDF) 134 Page - Renesas Technology Corp

Part # 7480
Description  8-BIT SINGLE-CHIP MICROCOMPUTER 740 FAMILY / 7470 SERIES
PDF  337 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7480 Datasheet(HTML) 134 Page - Renesas Technology Corp

Back Button 7480 Datasheet HTML 130Page - Renesas Technology Corp 7480 Datasheet HTML 131Page - Renesas Technology Corp 7480 Datasheet HTML 132Page - Renesas Technology Corp 7480 Datasheet HTML 133Page - Renesas Technology Corp 7480 Datasheet HTML 134Page - Renesas Technology Corp 7480 Datasheet HTML 135Page - Renesas Technology Corp 7480 Datasheet HTML 136Page - Renesas Technology Corp 7480 Datasheet HTML 137Page - Renesas Technology Corp 7480 Datasheet HTML 138Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 134 / 337 page
background image
7480 Group and 7481 Group User's Manual
1-117
1.14 Serial I/O
HARDWARE
(2)
Operations of Clock Synchronous Serial I/O Transmission
Transmit Operation
Œ When transmit data is written to the transmit buffer register (Note 1), the transmit buffer empty flag
of the serial I/O status register is cleared to ‘0’.
 The transmit data written to the transmit buffer register is transferred to the transmit shift register.
When the data transfer to the transmit shift register is completed, the transmit buffer empty flag
goes to ‘1’ (Note 2).
In this instance, when the BRG output/4 is selected as the synchronous clock, 8 synchronous clock
pulses are generated.
Ž Synchronized with a falling edge of the synchronous clock, the least significant bit (LSB) of the
transmit data transferred to the transmit shift register is output from the TxD pin. At this time, the
contents of the transmit shift register are shifted to the low-order direction by one bit, and the
transmit shift completion flag is cleared to ‘0’.
 By repeating the shift operation of ‘Transmit Operation Ž’ 8 times, 8-bit transmit data is output from
the TxD pin by the bit from the LSB.
 When 8 bits of the transmit data are output by the 8 shift operations, the transmit shift completion
flag is set to ‘1’ (Note 3).
Notes 1: When the external clock is selected as the synchronous clock, write the transmit data to
the transmit buffer register during the HIGH state of the synchronous clock.
2: When the transmit buffer empty flag is ‘1’, the next transmit data can be written to the
transmit buffer register.
3: The supply of the synchronous clock pulse to the transmit shift register stops automatically
upon transmit completion when the BRG output/4 is selected as the synchronous clock.
However, when the next transmit data is written to the transmit buffer register during the
‘0’ state of the transmit shift completion flag, the supply of the synchronous clock pulse
continues, and data is successively transmitted.
When the external clock is selected as the synchronous clock, shift operation continues as
long as the external clock is being input. Therefore, it is necessary to stop the external
clock after transmission is completed.
Serial I/O Transmit Interrupt
In the following cases, the serial I/O transmit interrupt request bit of interrupt request register 1 is
set to ‘1’: then the interrupt request is generated.
• When the transmit interrupt source selection bit is ‘0’, and the data written to the transmit buffer
register is transferred to the transmit shift register (‘Transmit Operation ’).
• When the transmit interrupt source selection bit is ‘1’, and the shift operation of the transmit shift
register is completed (‘Transmit Operation ’).
Figure 1.14.9 shows the transmit operation of clock synchronous serial I/O. The numbers in the figure
corresponds to those of the above-mentioned ‘Transmit Operation’.
Figure 1.14.10 shows a transmit timing of clock synchronous serial I/O.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com