Electronic Components Datasheet Search
  English  ▼

X  

7480 Datasheet(PDF) 121 Page - Renesas Technology Corp

Part # 7480
Description  8-BIT SINGLE-CHIP MICROCOMPUTER 740 FAMILY / 7470 SERIES
PDF  337 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7480 Datasheet(HTML) 121 Page - Renesas Technology Corp

Back Button 7480 Datasheet HTML 117Page - Renesas Technology Corp 7480 Datasheet HTML 118Page - Renesas Technology Corp 7480 Datasheet HTML 119Page - Renesas Technology Corp 7480 Datasheet HTML 120Page - Renesas Technology Corp 7480 Datasheet HTML 121Page - Renesas Technology Corp 7480 Datasheet HTML 122Page - Renesas Technology Corp 7480 Datasheet HTML 123Page - Renesas Technology Corp 7480 Datasheet HTML 124Page - Renesas Technology Corp 7480 Datasheet HTML 125Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 121 / 337 page
background image
7480 Group and 7481 Group User's Manual
1-104
HARDWARE
1.13 Timer 1 and Timer 2
(2)
Setting of Programmable Waveform Generation Mode
Figures 1.13.10 and 1.13.11 show the setting of the programmable waveform generation mode.
Figure 1.13.10 Setting of Programmable Waveform Generation Mode (1)
b7
b0
1
b7
b0
1
b7
b0
1
b7
b0
1
1
1
Timer 1 count source selection
00: f(XIN)/8
01: f(XIN)/64
10: f(XIN)/128
11: f(XIN)/256
Procedure 1 Stop of timer count
Notes 2 : Procedure 1 and 3 can be set simultaneously
because the described register is the same.
Programmable waveform generation mode
Timer 1 mode register (T1M) [Address 00F916]
Procedure 3 Setting timer mode register
Timer 1 mode register (T1M) [Address 00F916]
• when timer 1 is used
Timer 1 count is stopped.
• when timer 2 is used
Timer 2 mode register (T2M) [Address 00FA16]
Timer 2 count is stopped.
• when timer 1 is used
• when timer 2 is used
Timer 2 count source selection
00: f(XIN)/8
01: f(XIN)/64
10: f(XIN)/128
11: f(XIN)/256
Programmable waveform generation mode
Timer 2 mode register (T2M) [Address 00FA16]
b7
b0
00
Procedure 2 Setting port which is also used as T pin to output mode (Note 1)
Port P1 direction register (P1D) [Address 00C316]
Port P12 output mode (when timer 1 is used)
Port P13 output mode (when timer 2 is used)
Notes 1: Pay attention to the output level of T pin.
Output level latch
Output level latch



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com