Electronic Components Datasheet Search
  English  ▼

X  

7480 Datasheet(PDF) 117 Page - Renesas Technology Corp

Part # 7480
Description  8-BIT SINGLE-CHIP MICROCOMPUTER 740 FAMILY / 7470 SERIES
PDF  337 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7480 Datasheet(HTML) 117 Page - Renesas Technology Corp

Back Button 7480 Datasheet HTML 113Page - Renesas Technology Corp 7480 Datasheet HTML 114Page - Renesas Technology Corp 7480 Datasheet HTML 115Page - Renesas Technology Corp 7480 Datasheet HTML 116Page - Renesas Technology Corp 7480 Datasheet HTML 117Page - Renesas Technology Corp 7480 Datasheet HTML 118Page - Renesas Technology Corp 7480 Datasheet HTML 119Page - Renesas Technology Corp 7480 Datasheet HTML 120Page - Renesas Technology Corp 7480 Datasheet HTML 121Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 117 / 337 page
background image
7480 Group and 7481 Group User's Manual
1-100
HARDWARE
1.13 Timer 1 and Timer 2
Writes to and Reads from Timer
When ‘TL (0016 through FF16)’ is written to a timer, ‘TL’ is set in both the timer and the timer latch
(Œ in Figure 1.13.7).
Also, the contents of the timer can be read by a read operation.
Count Operation
• When the timer 1 or 2 stop control bit is cleared to ‘0’, the timer starts counting ( in Figure 1.13.7).
• When the timer 1 or 2 stop control bit is set to ‘1’, the timer stops counting (Ž in Figure 1.13.7).
In the count operation, the contents of each timer are decremented by 1 at every rising edge of the
count source ( in Figure 1.13.7).
Reloading Timers
When a timer reaches ‘FF16’ in the count operation, an underflow occurs at the subsequent rising
edge of the count source, and the value decremented by 1 from the contents of the timer latch is
reloaded to the timer. ( in Figure 1.13.7).
Timer Interrupt
At an underflow, the timer 1 or 2 interrupt request bit is set to ‘1’; then a timer interrupt request is
generated (‘ in Figure 1.13.7).
RL
RL
FF16
TL
T
1
5
2
A
A
3
6
UF
UF
4
A
0016
RL
A
UF
RL
A
UF
Count source
Timer 1 stop
control bit
Timer 1 interrupt
request bit
‘0’ is
written
‘0’ is
written
‘1’ is
written
Writing to timer 1
Count start
Count stop
Count start
TL
RL
UF
T
: Setting value to timer 1
: The value which is the timer latch decremented by 1 is reloaded
: Underflow
: Count period
: Clearing by writing ‘0’ to interrupt request bit or accepting interrupt request
1
Count source frequency
× (Setting value to timer 1 +1)
Writing to timer 1
Time
T(s) =
TL–1
Figure 1.13.7 Operations in Timer Mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com