Electronic Components Datasheet Search
  English  ▼

X  

7480 Datasheet(PDF) 116 Page - Renesas Technology Corp

Part # 7480
Description  8-BIT SINGLE-CHIP MICROCOMPUTER 740 FAMILY / 7470 SERIES
PDF  337 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7480 Datasheet(HTML) 116 Page - Renesas Technology Corp

Back Button 7480 Datasheet HTML 112Page - Renesas Technology Corp 7480 Datasheet HTML 113Page - Renesas Technology Corp 7480 Datasheet HTML 114Page - Renesas Technology Corp 7480 Datasheet HTML 115Page - Renesas Technology Corp 7480 Datasheet HTML 116Page - Renesas Technology Corp 7480 Datasheet HTML 117Page - Renesas Technology Corp 7480 Datasheet HTML 118Page - Renesas Technology Corp 7480 Datasheet HTML 119Page - Renesas Technology Corp 7480 Datasheet HTML 120Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 116 / 337 page
background image
7480 Group and 7481 Group User's Manual
1-99
HARDWARE
1.13 Timer 1 and Timer 2
Clock Input
Oscillation Frequency
Count Source
(Count Period)
f(XIN) = 8 MHz
f(XIN) = 4 MHz
f(XIN)/8
(1
µs)
6316
C716
—
—
—
—
f(XIN)/64
(8
µs)
—
1816
—
7C16
F916
—
f(XIN)/128
(16
µs)
—
—
—
—
7C16
F916
f(XIN)/8
(2
µs)
3116
6316
F916
—
—
—
f(XIN)/256
(32
µs)
—
—
—
—
—
7C16
f(XIN)/64
(16
µs)
—
—
—
—
7C16
F916
f(XIN)/128
(32
µs)
—
—
—
—
—
7C16
100
µs
200
µs
500
µs
1 ms
2 ms
4 ms
Table 1.13.1 Relation between Timer Count Periods and Values Set to Timer 1 and Timer 2
1.13.4 Timer Mode
(1)
Operations in Timer Mode
The operations in the timer mode is explained with Figure 1.13.7.
Count Sources
In the timer mode, timer 1 or timer 2 can select the following count sources with the timer 1 or 2
count source selection bits of the timer 1 or 2 mode register:
• f(XIN)/8
• f(XIN)/64
• f(XIN)/128
• f(XIN)/256



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com